Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100AWDP5T1B1M1QE Datasheet(PDF) 4 Page - E-SWITCH

Part # 100AWDP5T1B1M1QE
Description  PROCESS SEALED MINIATURE TOGGLE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100AWDP5T1B1M1QE Datasheet(HTML) 4 Page - E-SWITCH

  100AWDP5T1B1M1QE Datasheet HTML 1Page - E-SWITCH 100AWDP5T1B1M1QE Datasheet HTML 2Page - E-SWITCH 100AWDP5T1B1M1QE Datasheet HTML 3Page - E-SWITCH 100AWDP5T1B1M1QE Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VS2-VS3
VS2-VS3
SERIES 100A SWITCHES
14
PROCESS SEALED MINIATURE TOGGLE SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
Fixed Terminal: Copper alloy with gold plate over
nickel plate
Moving Contact: Copper alloy with gold plate over
nickel plate
Rating: 0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
Fixed Terminal: Gold flash over silver plated
copper alloy
Moving Contact: Silver plated copper alloy
Rating: 5 Amps with resistive load @ 120VAC or 28VDC;
2 Amps with resistive load @ 250VAC
.00 [.079]
11.89 [.468]
0.74 [.029]
2.39 [.094]
CONTACT MATERIAL OPTIONS
HARDWARE
HDW2
HDW15
HDW11
P.C. MOUNTING
P.C. MOUNTING
Nut
Locking Ring
Lock Washer
OPTION
DIM. ‘A’
CODE
.460
(11.68)
.630
(16.00)
VS2
VS3
OPTION
DIM. ‘A’
CODE
.460
(11.68)
.630
(16.00)
VS2
VS3
Q
R
SPDT
DPDT
POS. 2
POS. 1
POS. 3
1
25
°
4.70
[.185]
[.320]
E-SWITCH
MARKING ON
OPPOSITE SIDE
5.66
[.223]
0.51
[.020] Typ.
4.70
[.185] Typ.
15.75
5
[.620]
Epoxy Seal
Base
2.67
[.105]
1.27
[.050]
3.18
[.125]
7.62
[.300]
15.75
5
1
[.620]
9.40
[.370]
3.18
[.125]
1.85 [.073]
HOLE (7 PL)
3.18
[.125]
9.40
[.370]
15.75
5
[.620]
1.85 [.073]
HOLE (7 PL)
POS. 3
POS. 2
POS. 1
BRACKET
CRIMPED
7.62
[.300]
3.18
[.125]
1.27
[.050]
A
2.67
[.105]
Epoxy Seal
Base
15.75
5
[.620]
4.70
[.185] Typ.
0.51
[.020] Typ.
5.66
[.223]
E-SWITCH
MARKING ON
OPPOSITE SIDE
25°
8.13
[.320]
4.70
[.185]
PP 01-24 Toggle.qxd
5/6/02
1:51 PM
Page 14


Similar Part No. - 100AWDP5T1B1M1QE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100AWDP5T1B1M1QEH E-SWITCH-100AWDP5T1B1M1QEH Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
More results

Similar Description - 100AWDP5T1B1M1QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com