Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISPPBL2P Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # TISPPBL2P
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISPPBL2P Datasheet(HTML) 6 Page - Bourns Electronic Solutions

Back Button TISPPBL2P Datasheet HTML 2Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 3Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 4Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 5Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 6Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 7Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 8Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 9Page - Bourns Electronic Solutions TISPPBL2P Datasheet HTML 10Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TISPPBL1D, TISPPBL1P, TISPPBL2D, TISPPBL2P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
FOR ERICSSON COMPONENTS SLICS
6
PRODUCT
INFORMATION
AUGUST 1997 - REVISED AUGUST 2002
Specifications are subject to change without notice.
THERMAL INFORMATION
Figure 6
PEAK NON-RECURRING AC
vs
CURRENT DURATION
t - Current Duration - s
0·1
1
10
100
1000
1
10
TI6LACB
RING AND TIP CONNECTIONS -
I
TSM applied simultaneously to both
GROUND CONNECTION -
Return current is twice I
TSM
V
GG = -48 V, TAMB = 85°C
R
GEN = 70 to 950 Ω
V
GEN = 600 Vrms


Similar Part No. - TISPPBL2P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL2P POINN-TISPPBL2P Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
More results

Similar Description - TISPPBL2P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
logo
Bourns Electronic Solut...
TISPPBL3 BOURNS-TISPPBL3 Datasheet
349Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS (SLIC)
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com