Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISPPBL2SD Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TISPPBL2SD
Description  PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISPPBL2SD Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TISPPBL2SD Datasheet HTML 1Page - Bourns Electronic Solutions TISPPBL2SD Datasheet HTML 2Page - Bourns Electronic Solutions TISPPBL2SD Datasheet HTML 3Page - Bourns Electronic Solutions TISPPBL2SD Datasheet HTML 4Page - Bourns Electronic Solutions TISPPBL2SD Datasheet HTML 5Page - Bourns Electronic Solutions TISPPBL2SD Datasheet HTML 6Page - Bourns Electronic Solutions TISPPBL2SD Datasheet HTML 7Page - Bourns Electronic Solutions TISPPBL2SD Datasheet HTML 8Page - Bourns Electronic Solutions TISPPBL2SD Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TISPPBL2SD
PROGRAMMABLE OVERVOLTAGE PROTECTORS
FOR ERICSSON COMPONENTS PBL 3xxx SLICS
4
PRODUCT
INFORMATION
AUGUST 1999 - REVISED AUGUST 2002
Specifications are subject to change without notice.
PARAMETER MEASUREMENT INFORMATION
Figure 1. PRINCIPAL TERMINAL AND GATE TRANSFER CHARACTERISTICS
Figure 2. TRANSIENT LIMITS FOR TISPPBL2S LIMITING VOLTAGE
PM6XAIA
-v
I
S
V
S
V
GG
V
D
I
H
I
T
V
T
I
TSM
I
TSP
V
(BO)
I
(BO)
I
D
Quadrant I
Forward
Conduction
Characteristic
+v
+i
I
F
V
F
I
FSM (= |ITSM|)
I
FSP (= |ITSP|)
-i
Quadrant III
Switching
Characteristic
V
GK(BO)
PRINCIPAL TERMINAL V-I CHARACTERISTIC
I
GT
I
GAT
I
GAF
I
F
+i
K
-i
K
I
T
-i
G
+i
G
GATE TRANSFER
CHARACTERISTIC
I
K
I
G
PROTECTOR MAXIMUM LIMITING VOLTAGE
vs
TIME
0
5
10
1 µs
V
BAT = -50 V
-50
-60
-70
-80
10 ms
1 µs
Time
PM6XAL
MAX V
FRM = 8 V
MAX V
(BO) = -70 V


Similar Part No. - TISPPBL2SD

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL2SD POINN-TISPPBL2SD Datasheet
293Kb / 15P
   PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
TISPPBL2SDR POINN-TISPPBL2SDR Datasheet
293Kb / 15P
   PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
More results

Similar Description - TISPPBL2SD

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISPPBL2SD POINN-TISPPBL2SD Datasheet
293Kb / 15P
   PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
R3612 POINN-R3612 Datasheet
222Kb / 16P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR FOR ERICSSON COMPONENTS 3357/3 DCLIC
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com