Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4114R-3-152F Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4114R-3-152F
Description  Thick Film Molded DIPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4114R-3-152F Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4114R-3-152F Datasheet HTML 1Page - Bourns Electronic Solutions 4114R-3-152F Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4100R Series - Thick Film Molded DIPs
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
AMBIENT TEMPERATURE ( C )
°
0
70
125
4.00
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
GCU
4108R
4114R
4116R
4118R
4120R
PIN #1 REF.
4.57 + .12/ - .28
(.180 + .005/ - .007)
3.43 + .38/ - .25.
(135 + .015/ - .010)
MAX.
2.03 ± .12
(.080 ± .005)
2.54 ± .25
(.100 ± .010*)
.438 ± .050
(.019 ± .002)
1.65 + .12/ - .07
(.065 + .005/ - .003)
7.87 ± .25
(.310 ± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71 ± .10
(.260 + .005)
(.260 - .000)
8.64 ± .50
(.340 ± .020)
.254 ± .050
(.010 ± .002)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
27.05
(1.065)
MAX.
24.51
(.965)
MAX.
21.97
(.865)
MAX.
19.43
(.765)
MAX.
11.81
(.465)
MAX.
8.40
(.331)
TYP.
.89 ± .25
(.035 ± .010)
TYP.
NON-ACCUM.
TYP.
PART
NUMBER
4114R-1-
152
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
Product Characteristics
Resistance Range
......................10 ohms to 10 megohms
Maximum Operating Voltage..........100 V
Temperature Coefficient of Resistance
50 Ω to 2.2 MΩ................±100 ppm/°C
below 50 Ω ......................±250 ppm/°C
above 2.2 MΩ..................±250 ppm/°C
TCR Tracking .........................50 ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Operating Temperature
.................................-55 °C to +125 °C
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Lead Solderability
.....Meet requirements of MIL-STD-202
Method 208
Environmental Characteristics
TESTS PER MIL-STD-202.........∆R MAX.
Short Time Overload..................±0.25 %
Load Life ....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat
................................................±0.25 %
Terminal Strength.......................±0.25 %
Thermal Shock...........................±0.25 %
Physical Characteristics
Flammability .........Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
Package Power Rating at 70
°C
4108R......................................1.69 watts
4114R......................................2.00 watts
4116R......................................2.25 watts
4118R......................................2.50 watts
4120R......................................2.80 watts
How To Order
41 14 R - 1 - 152 __ __
Model
(41 = Molded DIP)
Number of Pins
Physical Configuration
(R = Thick Film Low Profile)
Electrical Configuration
• 1 = Isolated
• 2 = Bussed
• 3 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance” on
next page for resistance range)
• F = ±1 % (100 Ω - 1 MΩ)
• D = ±0.5 % (100 Ω - 1 MΩ)
Terminations
• LF = Tin-plated (lead free)
• Blank = Tin/Lead-plated
Consult factory for other available options.
Features
Lead free versions available (see How to
Order “Termination” option)
RoHS compliant (lead free version)*
Compatible with automatic insertion
equipment
Superior package integrity
Marking on contrasting background for
permanent identification
Now available with improved tolerance
to ±0.5 %
Package Power Temp. Derating Curve
Product Dimensions
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.


Similar Part No. - 4114R-3-152F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4114R-3-152F BOURNS-4114R-3-152F Datasheet
223Kb / 2P
   4100R Series - Thick Film Molded DIPs
4114R-3-152FLF BOURNS-4114R-3-152FLF Datasheet
223Kb / 2P
   4100R Series - Thick Film Molded DIPs
More results

Similar Description - 4114R-3-152F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4114R-1-152FLF BOURNS-4114R-1-152FLF Datasheet
223Kb / 2P
   Thick Film Molded DIPs
4116R BOURNS-4116R_12 Datasheet
223Kb / 2P
   Thick Film Molded DIPs
4116R-1-102 BOURNS-4116R-1-102 Datasheet
223Kb / 2P
   Thick Film Molded DIPs
logo
List of Unclassifed Man...
4120R ETC1-4120R Datasheet
60Kb / 2P
   4100R Series - Thick Film Molded DIPs
logo
Bourns Electronic Solut...
4116R-1-272 BOURNS-4116R-1-272 Datasheet
223Kb / 2P
   4100R Series - Thick Film Molded DIPs
4114R-1-104 BOURNS-4114R-1-104 Datasheet
223Kb / 2P
   4100R Series - Thick Film Molded DIPs
4116R-1-471 BOURNS-4116R-1-471 Datasheet
223Kb / 2P
   4100R Series - Thick Film Molded DIPs
4116R-1-103 BOURNS-4116R-1-103 Datasheet
223Kb / 2P
   4100R Series - Thick Film Molded DIPs
4116R-3-221-331 BOURNS-4116R-3-221-331 Datasheet
223Kb / 2P
   4100R Series - Thick Film Molded DIPs
4116R-2-103 BOURNS-4116R-2-103 Datasheet
223Kb / 2P
   4100R Series - Thick Film Molded DIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com