Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4306H-101-222FL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4306H-101-222FL
Description  Thick Film Molded SIPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4306H-101-222FL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4306H-101-222FL Datasheet HTML 1Page - Bourns Electronic Solutions 4306H-101-222FL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4300H Series - Thick Film Molded SIPs
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
......................10 ohms to 10 megohms
Maximum Operating Voltage..........100 V
Temperature Coefficient of Resistance
50 ohms to 2.2 megohms ..±100 ppm/°C
below 50 ohms ................±250 ppm/°C
above 2.2 megohms........±250 ppm/°C
TCR Tracking .........................50 ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Operating Temperature
.................................-55 °C to +125 °C
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Lead Solderability
.....Meet requirements of MIL-STD-202
Method 208
Environmental Characteristics
TESTS PER MIL-STD-202.........∆R MAX.
Short Time Overload..................±0.25 %
Load Life ....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat
................................................±0.25 %
Terminal Strength.......................±0.25 %
Thermal Shock...........................±0.25 %
Physical Characteristics
Flammability .........Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
125
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4308H
4306H
4304H
4310H
Package Power Rating at 70 °C
4304H .....................................0.80 watts
4306H .....................................1.20 watts
4308H .....................................1.60 watts
4310H .....................................2.00 watts
PIN #1 REF.
24.99
(.984)
MAX.
19.91
(.784)
MAX.
14.83
(.584)
MAX.
9.75
(.384)
MAX.
8.89
(.350)
MAX.
3.43 + .38/ - .25
(.125 + .005/ - .010)
1.02 ± .12
(.040 ± .005)
.483 ± .050
(.020 ± .002)
TYP.
2.54 ± .07
(.100 ± .003*)
TYP.
NON-ACCUM.
.407 + .102/ - .000
(.016 + .004/ - 000)
2.16 ± .10
(.085 ± .004)
1.02 ± .05
(.0425 ± .002)
.254 ± .050
(.010 ± .002)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
PART
NUMBER
4306H-101-
222
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
43 06 H - 101 - 222 __ __
Model
(43 = Molded SIP)
Number of Pins
Physical Config.
(H = Thick Film High Profile)
Electrical Configuration
• 101 = Bussed
• 102 = Isolated
• 104 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance” on
next page for resistance range)
• F = ±1 % (100 ohms - 1 megohm)
• D = ±0.5 % (100 ohms - 1 megohm)
Terminations
• All electrical configurations EXCEPT 104:
LF = Tin-plated (lead free)
• ONLY electrical configuration 104:
L = Tin-plated (lead free)
• Blank = Tin/Lead-plated
Consult factory for other available options.
Package Power Temp. Derating Curve
Product Dimensions
Features
Lead free versions available (see How to
Order “Termination” option)
RoHS compliant (lead free version)*
High profile offers increased power
handling
Compatible with automatic insertion
equipment
Superior package integrity
Marking on contrasting background for
permanent identification
Now available with improved tolerance
to ±0.5 %
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.


Similar Part No. - 4306H-101-222FL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4306H-101-222FL BOURNS-4306H-101-222FL Datasheet
212Kb / 2P
   Thick Film Molded SIPs
4306H-101-222FLF BOURNS-4306H-101-222FLF Datasheet
212Kb / 2P
   Thick Film Molded SIPs
More results

Similar Description - 4306H-101-222FL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4306M-101-222FLF BOURNS-4306M-101-222FLF Datasheet
208Kb / 2P
   Thick Film Molded SIPs
4306H-101-222FLF BOURNS-4306H-101-222FLF Datasheet
212Kb / 2P
   Thick Film Molded SIPs
4300R BOURNS-4300R Datasheet
215Kb / 2P
   Thick Film Molded SIPs
4308R-102-224 BOURNS-4308R-102-224 Datasheet
208Kb / 2P
   4300R Series - Thick Film Molded SIPs
4308R-102-102 BOURNS-4308R-102-102 Datasheet
208Kb / 2P
   4300R Series - Thick Film Molded SIPs
4310R-101-105 BOURNS-4310R-101-105 Datasheet
208Kb / 2P
   4300R Series - Thick Film Molded SIPs
4310R-101-472 BOURNS-4310R-101-472 Datasheet
208Kb / 2P
   4300R Series - Thick Film Molded SIPs
4600X BOURNS-4600X Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4608X-101-821 BOURNS-4608X-101-821 Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4600H BOURNS-4600H Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com