Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32656A7474 Datasheet(PDF) 4 Page - EPCOS

Part # B32656A7474
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656A7474 Datasheet(HTML) 4 Page - EPCOS

  B32656A7474 Datasheet HTML 1Page - EPCOS B32656A7474 Datasheet HTML 2Page - EPCOS B32656A7474 Datasheet HTML 3Page - EPCOS B32656A7474 Datasheet HTML 4Page - EPCOS B32656A7474 Datasheet HTML 5Page - EPCOS B32656A7474 Datasheet HTML 6Page - EPCOS B32656A7474 Datasheet HTML 7Page - EPCOS B32656A7474 Datasheet HTML 8Page - EPCOS B32656A7474 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Overview of available types
Lead spacing 22.5 mm
27.5 mm
Type
B32653
B32654
Page
9
11
VR (VDC)
250 400 630 1000 1250 1600 2000 2000 250 400 630 1000 1250 1600 2000
Vrms (VAC)
160 200 250 250 500 500 700 1000 160 200 250 250 500 500 700
CR (nF)
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
1500
2200
3300
4700
B32651 ... B32656
High pulse (wound)
4


Similar Part No. - B32656A7474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32656A7474 EPCOS-B32656A7474 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32656A7474 EPCOS-B32656A7474 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32656A7474+000 EPCOS-B32656A7474+000 Datasheet
657Kb / 39P
   Film Capacitors
More results

Similar Description - B32656A7474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com