Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3364X-1-103E Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3364X-1-103E
Description  4 mm Square Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3364X-1-103E Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3364X-1-103E Datasheet HTML 1Page - Bourns Electronic Solutions 3364X-1-103E Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Resistance
Resistance
Part
(Ohms)
Code
Marking
100
101
12
200
201
22
500
501
52
1,000
102
13
2,000
202
23
5,000
502
53
10,000
103
14
20,000
203
24
50,000
503
54
100,000
104
15
200,000
204
25
500,000
504
55
1,000,000
105
16
4.30 ± 0.20
(.169 ± .008)
5.51 ± 0.05
(.217 ± .002)
2.00 ± 0.10
(.079 ± .004)
4.00 ± 0.10
(.157 ± .004)
1.75 ± 0.10
(.069 ± .004)
12.00 ± 0.30
(.472 ± .012)
Conforms with EIA specification RS-481.
13.00 ± 0.51
(.512 ± .020)
178 ± .20
(7.008 ± .008)
EQUAL
SPACED
3 PLCS.
1.50
(.059)
13.00 ± 1.50
(512 ± .060)
1.20 ± .05
(.047 ± .002)
REEL
TAPE
2.20 ± 0.20
(.087 ± .008)
0.60
(.024)
1.50 ± 0.10
(.059 ± .004)
21.01 ± 0.76
(.827 ± .030)
50.00
(1.969)
W, A
ORIENTATION
X, B
ORIENTATION
5.00 ± 0.20
(.197 ± .008)
8.00 ± 0.10
(.315 ± .004)
DIA.
DIA.
REF.
DIA.
DIA.
MIN.
Packaging Specifications
Standard Resistance Table
Popular distribution resistance values listed in
boldface.
3364 - 4 mm Square Trimming Potentiometer
REV. 09/04


Similar Part No. - 3364X-1-103E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3364X-1-103E BOURNS-3364X-1-103E Datasheet
192Kb / 2P
   4 mm Square Trimming Potentiometer
3364X-1-103E BOURNS-3364X-1-103E Datasheet
431Kb / 2P
   3364 - 4 mm Square Trimpot짰 Trimming Potentiometer
More results

Similar Description - 3364X-1-103E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
239Kb / 4P
   4 mm Square Trimming Potentiometer
3364 BOURNS-3364 Datasheet
192Kb / 2P
   4 mm Square Trimming Potentiometer
3314J-1-204E BOURNS-3314J-1-204E Datasheet
240Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314 BOURNS-3314_1 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314J-1-201E BOURNS-3314J-1-201E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314G-1-203E BOURNS-3314G-1-203E Datasheet
1Mb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314Z-1-102E BOURNS-3314Z-1-102E Datasheet
619Kb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314J-1-102E BOURNS-3314J-1-102E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-500E BOURNS-3314J-1-500E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
3314J-1-101E BOURNS-3314J-1-101E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com