Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37982N1101K051 Datasheet(PDF) 3 Page - EPCOS

Part # B37982N1101K051
Description  Multilayer Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37982N1101K051 Datasheet(HTML) 3 Page - EPCOS

  B37982N1101K051 Datasheet HTML 1Page - EPCOS B37982N1101K051 Datasheet HTML 2Page - EPCOS B37982N1101K051 Datasheet HTML 3Page - EPCOS B37982N1101K051 Datasheet HTML 4Page - EPCOS B37982N1101K051 Datasheet HTML 5Page - EPCOS B37982N1101K051 Datasheet HTML 6Page - EPCOS B37982N1101K051 Datasheet HTML 7Page - EPCOS B37982N1101K051 Datasheet HTML 8Page - EPCOS B37982N1101K051 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Multilayer Ceramic Capacitors
154 10/02
C0G
Capacitance tolerances
Dimensional drawing
Dimensions (mm)
Termination
Code letter
J
K
(standard)
Tolerance
±5%
±10%
Lead spacing
= 2,5 + 0,6/– 0,1 mm
Lead spacing
= 5,0 +0,6/– 0,1 mm
Type
B37979N
B37986N
Type
B37979G
B37986G
hmax
bmax
smax
5,5
5,0
2,5
6,5
5,0
2,5
hmax
bmax
smax
5,5
5,0
2,5
6,5
5,0
2,5
KKE0456-R-E
bs
ø0,50±0,05
e
*) Lead length for bulk packaging
**)
Seating plane in acc. with IEC 600717
**)
b
h
s
Ceramic dielectric
Encapsulation
Termination
KKE0457-Z-E
Metal layers
C0G


Similar Part No. - B37982N1101K051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37982N1100J000 EPCOS-B37982N1100J000 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37982N1100J051 EPCOS-B37982N1100J051 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37982N1100J054 EPCOS-B37982N1100J054 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37982N1100K000 EPCOS-B37982N1100K000 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37982N1100K051 EPCOS-B37982N1100K051 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37982N1101K051

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com