Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECX-206 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECX-206
Description  SMD TUNING FORK CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ECX-206 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECX-206 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
2.7
2.7
5.0
FEATURES
• Low profile
• Long term stability
• Industry standard footprint
• Tape and Reel (2,000 pcs)
ECX-205/206
SMD TUNING FORK CRYSTAL
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PACKAGE DIMENSIONS (mm)
Figure 1) ECX-205/206 - Side and End views
Figure 2) ECX-205/206 Land Pattern- Top view
#3
#2
#4
#1
Figure 3) ECX-205 Pin Connection- Top view
Housing for the ECX-205/206 crystal is
made from the same thermoplastic that
is industry standard for integrated
circuits. This ruggedized molded
package is excellent for SMD
applications.
PARAMETERS
ECX-205/206
UNITS
NOMINAL FREQUENCY
Fo
32.768
KHz
LOAD CAPACITANCE
CL
12.5 Standard (6.0 Optional)
pF
DRIVE LEVEL
DL
1.0 max.
µW
CALIBRATION TOLERANCE
@ +25˚C
±20
PPM
EQUIVALENT SERIES RESISTANCE
R1
50 max.
K
TEMPERATURE COEFFICIENT
-0.040 PPM/˚C2 max.
PPM/(
∆C˚)
OPERATING TEMPERATURE RANGE
TOPR
-10 ~ +60
˚C
MAX. OPERATING TEMPERATURE RANGE
-40 ~ +85
°C
Q FACTOR
Q
50,000 min.
TURNOVER TEMPERATURE
TO
+25 ± 5
°C
STORAGE TEMPERATURE RANGE
TSTG
-55 ~ +125
°C
INSULATION RESISTANCE
IR
500M
min./ DC 100V
M
SHUNT CAPACITANCE
Co
2.0 typical
pF
MOTIONAL CAPACITANCE
C1
0.003 pF typical
pF
AGING (FIRST YEAR)
∆f/fo
±3 PPM max. @ +25˚C
PPM
PART NUMBERING GUIDE “EXAMPLE”
FREQUENCY
LOAD CAPACITANCE
PACKAGE TYPE*
ECS
.327
12.5
11
ECS
.327
12.5
6
2.54
10.41
0.51
2.29
4.2
#3
#2
#4
#1
Figure 4) ECX-206 Pin Connection - Top view
* Package Type examples (11= ECX-205, 6= ECX-206)
Rf
Rd
C2
C1
ELECTRICAL CHARACTERISTICS
IC: TC 4069P, Rf: 10M
Rd: 330K
Ω (As required)
C1 = 22pF, C2 = 22pF
VDD = 3.0V
RECOMMENDED OSCILLATION
CIRCUIT
PARABOLIC TEMPERATURE CURVE
In this circuit, low drive level with a maximum of
1µW is recommended. If excessive drive is
applied, irregular oscillation or quartz element
fractures may occur.
-20
-10
-20
-30
-40
-50
-60
-10
0
10
20
30
40 50
60
70
f/f (PPM)
T (˚C)
To determine frequency stability, use parabolic
curvature. For example: What is the stability at 45˚C?
1) Change in T (˚C) = 45 -25 = 20˚C
2) Change in frequency = -0.04 PPM x (
∆T)
2
= -0.04 PPM x (20)
2
= -16.0 PPM


Similar Part No. - ECX-206

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-206X ECS-ECX-206X Datasheet
416Kb / 1P
   SMD TUNING FORK CRYSTAL
More results

Similar Description - ECX-206

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-39 ECS-ECX-39 Datasheet
182Kb / 1P
   SMD TUNING FORK CRYSTAL
ECX-71 ECS-ECX-71 Datasheet
170Kb / 2P
   SMD TUNING FORK CRYSTAL
ECX-12L ECS-ECX-12L Datasheet
566Kb / 1P
   SMD TUNING FORK CRYSTAL
ECX-306X ECS-ECX-306X Datasheet
318Kb / 1P
   SMD TUNING FORK CRYSTAL
ECX-16 ECS-ECX-16 Datasheet
178Kb / 1P
   SMD TUNING FORK CRYSTAL
ECX-31 ECS-ECX-31 Datasheet
475Kb / 1P
   SMD TUNING FORK CRYSTAL
ECS-2X6-FLX ECS-ECS-2X6-FLX Datasheet
335Kb / 1P
   SMD TUNING FORK CRYSTAL
ECX-205X ECS-ECX-205X Datasheet
416Kb / 1P
   SMD TUNING FORK CRYSTAL
ECX-306 ECS-ECX-306 Datasheet
125Kb / 1P
   SMD TUNING FORK CRYSTAL
ECX-12 ECS-ECX-12 Datasheet
451Kb / 1P
   SMD TUNING FORK CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com