Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32653A7104 Datasheet(PDF) 7 Page - EPCOS

Part # B32653A7104
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32653A7104 Datasheet(HTML) 7 Page - EPCOS

Back Button B32653A7104 Datasheet HTML 3Page - EPCOS B32653A7104 Datasheet HTML 4Page - EPCOS B32653A7104 Datasheet HTML 5Page - EPCOS B32653A7104 Datasheet HTML 6Page - EPCOS B32653A7104 Datasheet HTML 7Page - EPCOS B32653A7104 Datasheet HTML 8Page - EPCOS B32653A7104 Datasheet HTML 9Page - EPCOS B32653A7104 Datasheet HTML 10Page - EPCOS B32653A7104 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
VDC
Vrms
f
≤1 kHz
VAC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
on request =
±3.5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
250 160
150
5.0
× 10.5 × 18.0 B32652A3154+***
1170
1300
1000
220
6.0
× 11.0 × 18.0 B32652A3224+***
960
1100
1000
330
7.0
× 12.5 × 18.0 B32652A3334+***
830
900
1000
470
8.5
× 14.5 × 18.0 B32652A3474+***
680
700
500
680
9.0
× 17.5 × 18.0 B32652A3684+***
640
700
500
400 200
68
5.0
× 10.5 × 18.0 B32652A4683+***
1170
1300
1000
100
5.0
× 10.5 × 18.0 B32652A4104+***
1170
1300
1000
150
6.0
× 11.0 × 18.0 B32652A4154+***
960
1100
1000
220
7.0
× 12.5 × 18.0 B32652A4224+***
830
900
1000
330
8.5
× 14.5 × 18.0 B32652A4334+***
680
700
500
470
9.0
× 17.5 × 18.0 B32652A4474+***
640
700
500
630 250
33
5.0
× 10.5 × 18.0 B32652A6333+***
1170
1300
1000
47
5.0
× 10.5 × 18.0 B32652A6473+***
1170
1300
1000
68
6.0
× 11.0 × 18.0 B32652A6683+***
960
1100
1000
100
7.0
× 12.5 × 18.0 B32652A6104+***
830
900
1000
150
8.5
× 14.5 × 18.0 B32652A6154+***
680
700
500
220
9.0
× 17.5 × 18.0 B32652A6224+***
640
700
500
1000 250
10
5.0
× 10.5 × 18.0 B32652A0103+***
1170
1300
1000
15
5.0
× 10.5 × 18.0 B32652A0153+***
1170
1300
1000
22
5.0
× 10.5 × 18.0 B32652A0223+***
1170
1300
1000
33
6.0
× 11.0 × 18.0 B32652A0333+***
960
1100
1000
47
7.0
× 12.5 × 18.0 B32652A0473+***
830
900
1000
68
8.5
× 14.5 × 18.0 B32652A0683+***
680
700
500
100
9.0
× 17.5 × 18.0 B32652A0104+***
640
700
500
1250 500
6.8
5.0
× 10.5 × 18.0 B32652A7682+***
1170
1300
1000
10
6.0
× 11.0 × 18.0 B32652A7103+***
960
1100
1000
15
7.0
× 12.5 × 18.0 B32652A7153+***
830
900
1000
22
8.5
× 14.5 × 18.0 B32652A7223+***
680
700
500
33
9.0
× 17.5 × 18.0 B32652A7333+***
640
700
500
B32652
High pulse (wound)
7


Similar Part No. - B32653A7104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32653A7104 EPCOS-B32653A7104 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32653A7104 EPCOS-B32653A7104 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32653A7104JN1 TDK-B32653A7104JN1 Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
logo
EPCOS
B32653A7104K EPCOS-B32653A7104K Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32653A7104KZ1 TDK-B32653A7104KZ1 Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
More results

Similar Description - B32653A7104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com