Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32621-A6103 Datasheet(PDF) 8 Page - EPCOS

Part # B32621-A6103
Description  Metallized Polypropylene Film Capacitors (MKP) Plastic Case
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32621-A6103 Datasheet(HTML) 8 Page - EPCOS

Back Button B32621-A6103 Datasheet HTML 4Page - EPCOS B32621-A6103 Datasheet HTML 5Page - EPCOS B32621-A6103 Datasheet HTML 6Page - EPCOS B32621-A6103 Datasheet HTML 7Page - EPCOS B32621-A6103 Datasheet HTML 8Page - EPCOS B32621-A6103 Datasheet HTML 9Page - EPCOS B32621-A6103 Datasheet HTML 10Page - EPCOS B32621-A6103 Datasheet HTML 11Page - EPCOS B32621-A6103 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
124 12/00
MKP
Permissible ac voltage Vrms versus frequency f
Lead spacing 7,5 mm
160 Vdc / 90 Vac
250 Vdc / 140 Vac
400 Vdc / 200 Vac
630 Vdc / 400 Vac
KMK0744-H
10
Vrms
f
50
100
1000
500
Hz
6
10
5
10
4
10
3
10
2
10
0,15 µF
0,1 µF
22 nF
Vac
KMK0550-E
Vrms
f
Hz
5
10
4
10
3
10
2
10
10
6
10
50
100
500
ac
V
1000
22 nF
0,10 µF
KMK0554-C
f
Hz
5
10
4
10
3
10
2
10
10
6
10
50
100
500
1000
Vac
Vrms
6,8 nF
15 nF
33 nF
KMK0553-4
f
Hz
5
10
4
10
3
10
2
10
10
6
10
50
100
500
1000
Vac
Vrms
3,3 nF
6,8 nF
15 nF
1,5 nF
B32 620
7,5


Similar Part No. - B32621-A6103

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32621 EPCOS-B32621 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32621A0103 EPCOS-B32621A0103 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32621A0222 EPCOS-B32621A0222 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32621A0332 EPCOS-B32621A0332 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32621A0472 EPCOS-B32621A0472 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32621-A6103

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com