Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC635 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC635
Description  NPN medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC635 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC635 Datasheet HTML 1Page - NXP Semiconductors BC635 Datasheet HTML 2Page - NXP Semiconductors BC635 Datasheet HTML 3Page - NXP Semiconductors BC635 Datasheet HTML 4Page - NXP Semiconductors BC635 Datasheet HTML 5Page - NXP Semiconductors BC635 Datasheet HTML 6Page - NXP Semiconductors BC635 Datasheet HTML 7Page - NXP Semiconductors BC635 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 23
2
Philips Semiconductors
Product specification
NPN medium power transistors
BC635; BC637; BC639
FEATURES
• High current (max. 1 A)
• Low voltage (max. 80 V).
APPLICATIONS
• Driver stages of audio/video amplifiers.
DESCRIPTION
NPN transistor in a TO-92; SOT54 plastic package.
PNP complements: BC636, BC638 and BC640.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage1
3
2
MAM259
2
1
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC635
45
V
BC637
60
V
BC639
100
V
VCEO
collector-emitter voltage
open base
BC635
45
V
BC637
60
V
BC639
80
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
1A
ICM
peak collector current
1.5
A
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
0.83
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - BC635

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
logo
Nanjing International G...
BC635 DGNJDZ-BC635 Datasheet
54Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
logo
Jiangsu Changjiang Elec...
BC635 JIANGSU-BC635 Datasheet
869Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
BC635 FAIRCHILD-BC635 Datasheet
55Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC635

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
   NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
   NPN medium power transistors
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
   NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
   NPN medium power transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
   NPN Medium Power Transistors
14-DEC-2021 V 2.0
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
   NPN Medium Power Transistors
logo
Guangdong Kexin Industr...
BSR40 KEXIN-BSR40 Datasheet
40Kb / 2P
   NPN Medium Power Transistors
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
   NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com