Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YD7265 Datasheet(PDF) 1 Page - Wuxi Youda electronics Co.,LTD

Part # YD7265
Description  25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD7265 Datasheet(HTML) 1 Page - Wuxi Youda electronics Co.,LTD

  YD7265 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD7265 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD7265 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD YD7265 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
YOUDA INTEGRATED CIRCUIT
YD7265
25W STEREO AMPLIFIER WITH MUTE
AND STAND-BY—YD7265
DESCRIPTION
The YD7265 is class AB dual Audio power amplifier assembled in the Multiwatt package,specially designed for
high quality sound application as Hi-Fi music centers and stereo TV sets.
FEATURES
*WIDE SUPPLY VOLTAGE RANGE(UP TO ±25V ABS MAX.).
*HIGH OUTPUTE POWER:25W(Vcc=±20V, RL=8Ω,THD=10%).
*NO POP AT TURN-ON/OFF.
*MUTE AND STAND-BY.
*SHORT CIRCUIT PROTECTION.
*THERMAL OVERLOAD PROTECTION.
BLOCK DIAGRAM
7
6
4
11
10
8
1
5
3
2
9
+
-
+
-
ST/M
-Vcc
GND
+Vcc
-Vcc
PIN NO.
SYMBOL
PIN NO.
SYMBOL
1
-Vcc
7
IN+(2)
2
OUTPUT1
8
IN-(2)
3
+Vcc
9
GND
4
OUTPUT2
10
IN-(1)
5
ST-BY/MUTE
11
IN+(1)
6
-Vcc
WuXi YouDa Electronics Co., Ltd
Add:
No.5 Xijin Road, National Hi-Tech Industrial Development Zone, Wuxi Jiangsu China
Tel:
86-510-85205117
86-510-85205106
Fax:
86-510-85205110
Website: www.e-youda.com
SHENZHEN OFFICE
Tel: 86-755-83740369
Fax: 86-755-83741418
Ver
5.0
1 of 4
2006-06-28


Similar Part No. - YD7265

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YD7231 ETC1-YD7231 Datasheet
55Kb / 3P
   TV VERTICAL POWER OUTPUT CIRCUIT
More results

Similar Description - YD7265

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
   14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7499 UTC-TDA7499 Datasheet
228Kb / 5P
   6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
STMicroelectronics
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
   25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7264 STMICROELECTRONICS-TDA7264 Datasheet
189Kb / 12P
   2525W STEREO AMPLIFIER WITH MUTE/ST-BY
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
   25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Unisonic Technologies
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com