Part Name
         Description
YD7000

 POWER AMPLIFIER FOR HEADPHONE STEREOS ( 4 Page)


YOUDA
100% 
Zoom Out Zoom In
   
 3 page
background image
YOUDA INTEGRATED CIRCUIT
YD7000
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crosstalk
CT
Vcc=2.4V, f=100Hz, Rg=1KΩ
Vo=-10dB
40
50
dB
Ripple Rejection
SVRR
Vcc=1.6V, f=100Hz, Rg=1 KΩ
VR=-20dBm, BPF=100Hz
45
60
dB
Output Noise Voltage
VNO
Vcc=4.5V, Rg=1 KΩ
BPF=20Hz~20kHz
62
100
μV
Power OFF Effect
VO(off)
Vcc=1.6V, f=100Hz, pin1→GND,
VIN=-10dB
-80
dB
Muting Effect
VO(MT)
Vcc=1.6V, f=100Hz, pin10→GND,
VIN=-10dB
-80
dB
Power ON
Current Sensitivity
I1(on)
Vcc=1.5V, V5≧0.85V
0.05
1.0
μA
Power OFF
Voltage Sensitivity
V1(off)
Vcc=1.5V, V5≦0.1V
0.5
0.6
V
Muting OFF
Current Sensitivity
I10(off)
Vcc=1.5V,V5≧0.85V
0.2
1.0
μA
Muting ON
Voltage Sensitivity
V10(on)
Vcc=1.5V, V5≦0.1V
0.5
0.65
V
APPLICATION CIRCUIT
+
220μ
+
220μ
0.1μ
0.1μ
+
100μ
+
22μ
0.1μ
W
W
4.7Ω
4.7Ω
Vcc
O p r .
Stand-by
A m p .
Mute
Vin1
Vin2
Amp.
/Mute
Amp1
Amp2
Bias
Opr.
St-by
WuXi YouDa Electronics Co., Ltd
3 of 4
Website: www.e-youda.com



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BA3632KPre / power amplifier for 1.5V headphone stereos 1 2 3 4 5 MoreRohm
LA4533MPower Amplifier for 3V Headphone Stereos 1 2 3 Sanyo Semicon Device
YD7000POWER AMPLIFIER FOR HEADPHONE STEREOS 1 2 3 4 Weida Semiconductor, Inc.
BA3528AFPPre / power amplifier and motor governor for 3V headphone stereos 1 2 3 4 5 MoreRohm
LA44225.8W typ AF Power Amplifier for Car Stereos Car Radios 1 2 3 4 5 MoreSanyo Semicon Device
LA47282-Channel BTL Power Amplifier 35 W+35 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
BA3612AKVPre-power amplifier for headphone stereos 1 2 3 4 5 MoreRohm
LA4538MRipple Filter-Provided Stereo Power Amp for 1.5V Headphone Stereos 1 2 3 Sanyo Semicon Device
LA474142W 4-Channel BTL Power Amplifier for Car Stereos 1 2 3 Sanyo Semicon Device
BA3641FVRecording amplifier with built-in ALC for headphone stereos 1 2 3 4 5 MoreRohm

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl