Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-406 Datasheet(PDF) 1 Page - Epson Company

Part # MC-406
Description  SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

MC-406 Datasheet(HTML) 1 Page - Epson Company

  MC-406 Datasheet HTML 1Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
Specifications (characteristics)
Recommended soldering pattern
External dimensions
(Unit: mm)
Internal connection in MC-405
Internal connection in MC-406
(Unit: mm)
#4
#4
#3
#1
#2
#4
#3
#1
#2
#3
#1
2.54
2.54
0.51
0.51
2.29
4.1
3.9
4.1
4.1
3.9
4.1
#2
9.6
10.41 Max.
32.768k
6571A
E
Do not connect #2 and #3 of MC-406 to external device.
The first digit of No. means: 5XXXX
MC-405
6XXXX
MC-406
MC-406
MC-405
Crystal unit
SMD LOW/ MEDIUM-FREQUENCY CRYSTAL UNIT
MC-405/406
• High-density mounting-type SMD.
• Photolithography finished allows uniform, stable performance.
• Excellent environmental capability.
• Capable of covering low-frequency range from 20 kHz to 165 kHz.
• Suitable for time keeping of clock and microcomputer.
Item
Nominal frequency range
Temperature range
Maximum drive level
Frequency tolerance (standard)
Turnover temperature (frequency)
Temperature coefficient (frequency)
Load capacitance
Series resistance
Motion capacitance
Shunt capacitance
Insulation resistance
Aging
Shock resistance
Symbol
f
TSTG
TOPR
GL
∆f/f
θT
a
CL
R1
C1
C0
IR
fa
S.R.
Specifications
32.768 kHz
20.000 kHz to 165.000 kHz
-55 °C to +125 °C
-40 °C to +85 °C
1.0 µW Max.
±20 x 10-6, ±50 x 10-6
±50 x 10-6, ±100 x 10-6
+25 °C ±5 °C
-0.04 x 10-6 /°C2 Max.
6 pF to ∞ (Standard : 12.5 pF)
50 kΩ Max.
55 kΩ to 10 kΩ
2.0 fF Typ.
4.0 fF to 0.6 fF
0.85 pF Typ.
2.0 pF to 0.6 pF
500 MΩ Min.
±3 x 10-6 /year Max.
±5 x 10-6/year Max.
±5 x 10-6 Max.
Remarks
Stored as bare product after unpacking
Ta=+25 °C, DL=0.1 µW
Please specify
For details, refer to page 13
Ta=+25 °C±3 °C, first year
Three drops on a hard board from 750 mm
or excitation test with 29400 m/s2 x 0.3 ms x
1/2 sine wave x 3 directions
Storage temperature
Operating temperature
Actual size
Product number (please refer to page 1)
Q1 xMC4 0 5 x x x x x 0 0
Q1 xMC4 0 6 x x x x x 0 0


Similar Part No. - MC-406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC-406 ETC2-MC-406 Datasheet
173Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-406 EPSONTOYOCOM-MC-406 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
MC-406 EPSONTOYOCOM-MC-406 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
MC-406 ETC1-MC-406 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
MC-406 EPSON-MC-406 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
More results

Similar Description - MC-406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC306 ETC-MC306 Datasheet
28Kb / 1P
   SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT
FC255 ETC-FC255 Datasheet
201Kb / 2P
   THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
logo
Epson Company
MC-206 EPSON-MC-206 Datasheet
57Kb / 1P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
MC-156 EPSON-MC-156 Datasheet
82Kb / 2P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
MC206 ETC-MC206 Datasheet
28Kb / 1P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Epson Company
C-001R EPSON-C-001R Datasheet
133Kb / 2P
   SMALL CYLINDER LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
MA-406 EPSON-MA-406 Datasheet
30Kb / 1P
   SMD HIGH-FREQUENCY CRYSTAL UNIT
MA-505 EPSON-MA-505 Datasheet
30Kb / 1P
   SMD HIGH-FREQUENCY CRYSTAL UNIT
logo
List of Unclassifed Man...
FA365 ETC-FA365 Datasheet
25Kb / 1P
   THIN SMD HIGH-FREQUENCY CRYSTAL UNIT
MA-306 ETC1-MA-306 Datasheet
30Kb / 1P
   SMALL SMD HIGH - FREQUENCY CRYSTAL UNIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com