Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B81130-C1223 Datasheet(PDF) 2 Page - EPCOS

Part # B81130-C1223
Description  EMI Suppression Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81130-C1223 Datasheet(HTML) 2 Page - EPCOS

  B81130-C1223 Datasheet HTML 1Page - EPCOS B81130-C1223 Datasheet HTML 2Page - EPCOS B81130-C1223 Datasheet HTML 3Page - EPCOS B81130-C1223 Datasheet HTML 4Page - EPCOS B81130-C1223 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
232 12/00
X2
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K (closer tolerances upon request)
Ordering codes and packing units
Lead
spacing
± 0,4
mm
CR
Maximum
dimensions
b
× h × l
(mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
Lead length
6mm
26mm
10
10 nF
4,0
× 9,0 × 13,0 B81130-C1103-+*** 1000
1700
1000
15 nF
4,0
× 9,0 × 13,0 B81130-C1153-+*** 1000
1700
1000
22 nF
5,0
× 11,0 × 13,0 B81130-C1223-+***
830
1300
1000
33 nF
5,0
× 11,0 × 13,0 B81130-C1333-M*** 830
1300
1000
33 nF
6,0
× 12,0 × 13,0 B81130-A1333-+***
680
1100
1000
47 nF
6,0
× 12,0 × 13,0 B81130-C1473-+***
680
1100
1000
15
22 nF
5,0
× 10,5 × 18,0 B81130-B1223-+*** 1170
1300
1000
1000
33 nF
5,0
× 10,5 × 18,0 B81130-B1333-+*** 1170
1300
1000
1000
47 nF
5,0
× 10,5 × 18,0 B81130-B1473-+*** 1170
1300
1000
1000
68 nF
6,0
× 11,0 × 18,0 B81130-C1683-+***
960
1100
1000
1000
0,10
µF6,0 × 12,0 × 18,0 B81130-C1104-M*** 960
1100
1000
1000
0,10
µF
7,0
× 12,5 × 18,0 B81130-A1104-+***
830
900
1000
800
0,15
µF8,5 × 14,5 × 18,0 B81130-C1154-+***
680
700
500
500
0,22
µF9,0 × 17,5 × 18,0 B81130-C1224-+***
640
700
500
500
22,5
0,15
µF6,0 × 15,0 × 26,5 B81130-B1154-+***
680
700
720
500
0,22
µF7,0 × 16,0 × 26,5 B81130-B1224-+***
580
600
630
500
0,33
µF8,5 × 16,5 × 26,5 B81130-C1334-+***
480
500
510
450
0,47
µF 10,5 × 16,5 × 26,5 B81130-C1474-M*** 390
400
540
350
0,47
µF 10,5 × 18,5 × 26,5 B81130-A1474-+***
390
400
540
300
0,68
µF 11,0 × 20,5 × 26,5 B81130-C1684-M*** 370
350
510
300
27,5
0,47
µF 11,0 × 21,0 × 31,5 B81130-B1474-+***
350
320
200
0,68
µF 11,0 × 21,0 × 31,5 B81130-B1684-+***
350
320
200
1,0
µF 12,5 × 21,5 × 31,5 B81130-C1105-M***
300
280
200
1,0
µF 13,5 × 23,0 × 31,5 B81130-A1105-+***
250
260
150
1,5
µF 15,0 × 24,5 × 31,5 B81130-C1155-M***
240
150
1,5
µF 18,0 × 27,5 × 31,5 B81130-A1155-+***
200
100
2,2
µF 18,0 × 27,5 × 31,5 B81130-C1225-M***
200
100
2,2
µF 19,0 × 30,0 × 31,5 B81130-A1225-+***
180
100
1) Replace the + by the code letter for the required capacitance tolerance.
Replace the *** by the code number for the required lead length or packing.
000 = lead length 6 mm (untaped)
026 = lead length 26 mm (untaped)
289 = taped, Ammo pack
189 = taped, reel
275 Vac
B 81 130


Similar Part No. - B81130-C1223

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81130A1104++ EPCOS-B81130A1104+ Datasheet
164Kb / 6P
   EMI suppression capacitors (MKP) X2 / 275 VAC
B81130A1104000 EPCOS-B81130A1104000 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B81130A1104189 EPCOS-B81130A1104189 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B81130A1104289 EPCOS-B81130A1104289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B81130A1105++ EPCOS-B81130A1105+ Datasheet
164Kb / 6P
   EMI suppression capacitors (MKP) X2 / 275 VAC
More results

Similar Description - B81130-C1223

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com