Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B81130 Datasheet(PDF) 1 Page - EPCOS

Part # B81130
Description  EMI Suppression Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81130 Datasheet(HTML) 1 Page - EPCOS

  B81130 Datasheet HTML 1Page - EPCOS B81130 Datasheet HTML 2Page - EPCOS B81130 Datasheet HTML 3Page - EPCOS B81130 Datasheet HTML 4Page - EPCOS B81130 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
231 12/00
X2 capacitors with very small dimensions
Rated ac voltage 275 V, 50/60 Hz
Construction
I Dielectric: polypropylene (MKP)
I Plastic case (UL 94 V-0)
I Epoxy resin sealing, flame-retardant
I Impregnated
Features
I Very small dimensions
I Self-healing properties
Terminals
I Parallel wire leads, tinned
I Two standard lead lengths
available: 6 mm und 26 mm
Other lead lengths available upon request.
Marking
Manufacturer’s logo and lot number
date code,
rated capacitance (coded),
capacitance tolerance (code letter),
rated ac voltage, type number,
interference suppression sub-class (X2),
style (MKP), climatic category,
awarded marks of conformity.
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping,
refer to chapter “Taping and packing”, page 274.
1) Not for 1,5 and 2,2
µF
Marks of conformity
Marks of
conformity
Standards
Certificate
1)
EN 132400 / IEC 384-14, 2nd edition
UL 1414 (VR = 250 Vac)
Approved by UL according to
CSA C22.2 No. 0; 1 (VR = 250 Vac)
18643-4670-1010/A1G
E97863/97NK11940A
E97863/97NK11940A
Lead spacing
± 0,4
Lead diameter
∅d (mm)
Lead length l1
(mm)
10 mm
0,6
6 – 1
≥ 15 mm
0,8
6 – 1
26
± 2
KMK0571-2
AAAAA
XX-µ1
B81130 X2 MKP/SH
40/100/21/C
V
E
D
M 275V~
C1104
250 V~
IEC 384-14(2)
250 V~
KMK0570-T
AAAAA
XX-10n
B81130 X2 MKP/SH
40/100/21/C
V
E
D
M 275V~
C1103
KMK0699-I
AAAAA
XX-1µ5
B81130 X2 MKP/SH
40/100/21/C
V
E
D
M 275V~
C1155
IEC 384-14(2)
250 V~
Lead spacing
≥ 15 mm
(22 nF ... 1,0
µF)
Lead spacing = 10 mm
Lead spacing = 27,5 mm
(1,5 and 2,2
µF)
B81 130
EMI Suppression Capacitors
X2 / 275 Vac


Similar Part No. - B81130

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81130A1104++ EPCOS-B81130A1104+ Datasheet
164Kb / 6P
   EMI suppression capacitors (MKP) X2 / 275 VAC
B81130A1104000 EPCOS-B81130A1104000 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B81130A1104189 EPCOS-B81130A1104189 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B81130A1104289 EPCOS-B81130A1104289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B81130A1105++ EPCOS-B81130A1105+ Datasheet
164Kb / 6P
   EMI suppression capacitors (MKP) X2 / 275 VAC
More results

Similar Description - B81130

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com