Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45198RA4226+206 Datasheet(PDF) 10 Page - EPCOS

Part # B45198RA4226+206
Description  Tantalum Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45198RA4226+206 Datasheet(HTML) 10 Page - EPCOS

Back Button B45198RA4226+206 Datasheet HTML 3Page - EPCOS B45198RA4226+206 Datasheet HTML 4Page - EPCOS B45198RA4226+206 Datasheet HTML 5Page - EPCOS B45198RA4226+206 Datasheet HTML 6Page - EPCOS B45198RA4226+206 Datasheet HTML 7Page - EPCOS B45198RA4226+206 Datasheet HTML 8Page - EPCOS B45198RA4226+206 Datasheet HTML 9Page - EPCOS B45198RA4226+206 Datasheet HTML 10Page - EPCOS B45198RA4226+206 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
74
10/02
Tantalum Chip Capacitors
SpeedPower; Low ESR
35
(23)
0,47
B
0,04
0,5
2500
0,18
B45197A6474+20*
0,68
B
0,04
0,5
2500
0,18
B45197A6684+20*
1,0
B
0,04
0,5
2000
0,21
B45197A6105+20*
1,5
B
0,06
0,5
2000
0,21
B45197A6155+20*
2,2
B
0,06
0,8
2000
0,21
B45197A6225+20*
3,3
C
0,06
1,2
550
0,45
B45197A6335+30*
4,7
D
0,06
1,6
300
0,71
B45197A6475+40*
6,8
D
0,06
2,4
300
0,71
B45197A6685+40*
6,8
E
0,06
2,4
300
0,74
B45197A6685+50*
10
D
0,06
3,5
260
0,76
B45197A6106+40*
10
E
0,06
3,5
260
0,80
B45197A6106+50*
15
D
0,06
5,3
260
0,76
B45197A6156+40*
15
E
0,06
5,3
260
0,80
B45197A6156+50*
22
D
0,06
7,7
260
0,76
B45197A6226+40*
22
E
0,06
7,7
260
0,80
B45197A6226+50*
33
E
0,06
12
260
0,80
B45197A6336+50*
47
E
0,06
16
230
0,85
B45197A6476+50*
50
(33)
4,7
D
0,06
2,4
300
0,71
B45197A7475+40*
6,8
D
0,06
3,4
400
0,61
B45197A7685+40*
6,8
E
0,06
3,4
300
0,74
B45197A7685+50*
10
E
0,06
5,0
300
0,74
B45197A7106+50*
VR
up to 85 °C
(up to 125°C)
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
ESRmax1)
(20°C,
100 kHz)
m
Iac
(20°C,
100 kHz)
A
Ordering code2)
Tinned terminals
1) Other values upon request
2) Replace 197A by 198R for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45197, B45198


Similar Part No. - B45198RA4226+206

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45198R KEMET-B45198R Datasheet
774Kb / 26P
   SpeedPower, Low ESR
B45198R0157K106 KEMET-B45198R0157K106 Datasheet
774Kb / 26P
   SpeedPower, Low ESR
B45198R0157K109 KEMET-B45198R0157K109 Datasheet
774Kb / 26P
   SpeedPower, Low ESR
B45198R0157K206 KEMET-B45198R0157K206 Datasheet
774Kb / 26P
   SpeedPower, Low ESR
B45198R0157K209 KEMET-B45198R0157K209 Datasheet
774Kb / 26P
   SpeedPower, Low ESR
More results

Similar Description - B45198RA4226+206

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com