Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32620-A4103 Datasheet(PDF) 7 Page - EPCOS

Part # B32620-A4103
Description  Metallized Polypropylene Film Capacitors (MKP) Plastic Case
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32620-A4103 Datasheet(HTML) 7 Page - EPCOS

Back Button B32620-A4103 Datasheet HTML 3Page - EPCOS B32620-A4103 Datasheet HTML 4Page - EPCOS B32620-A4103 Datasheet HTML 5Page - EPCOS B32620-A4103 Datasheet HTML 6Page - EPCOS B32620-A4103 Datasheet HTML 7Page - EPCOS B32620-A4103 Datasheet HTML 8Page - EPCOS B32620-A4103 Datasheet HTML 9Page - EPCOS B32620-A4103 Datasheet HTML 10Page - EPCOS B32620-A4103 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
123 12/00
MKP
Pulse handling capability
Maximum permissible voltage change per unit of time for non-sinusoidal voltages
(pulse, sawtooth)
For Vpp < VR , the permissible voltage rise rate value Vpp/τ may be multiplied by the factor VR/Vpp.
Also refer to the calculation example in chapter “General technical information”, page 302.
Impedance Z
versus
frequency f
(typical values)
VR
Max. rate of voltage rise Vpp/τ in V/µs (for Vpp = VR)
Lead spacing
7,5 mm
10 mm
160 Vdc
750
600
250 Vdc
1200
900
400 Vdc
1500
1050
630 Vdc
2700
1800
1000 Vdc (500 Vac)
3200
2400
1000 Vdc (600 Vac)
4000
VR
Pulse characteristic k0 in V2/µs (forVpp ≤ VR)
Lead spacing
7,5 mm
10 mm
160 Vdc
240 000
190 000
250 Vdc
600 000
450 000
400 Vdc
1 200 000
840 000
630 Vdc
3 400 000
2 250 000
1000 Vdc (500 Vac)
6 400 000
4 800 000
1000 Vdc (600 Vac)
8 000 000
Z
KMK0680-7
f
4
10
10 4
5 10 5
510 6
510 7
Hz 10 8
3
10
5
2
10
5
1
10
m
B32 621
B32 620


Similar Part No. - B32620-A4103

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32620A0152 EPCOS-B32620A0152 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32620A0152 TDK-B32620A0152 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
EPCOS
B32620A0222 EPCOS-B32620A0222 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32620A0222 TDK-B32620A0222 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32620-A4103

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com