Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7070-100-BCX Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7070-100-BCX
Description  Building Entrance Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7070-100-BCX Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7070-100-BCX Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Field expandable from 1 to 12 pair, 1 to 25
pair, 1 to 50 pair and 1 to 100 pair
Comprehensive subscriber installation
and use instructions
7070 Series – Building Entrance Terminal
Product Dimensions
Bourns 7070 Building Entrance Terminal is designed to house up to 100 industry standard Station Protectors at the customer
premises. The weather-resistant enclosure provides environmental protection while the station protectors guard against
damage due to lightning surges, power cross conditions or ground potential rises.
The Model 7070 Series is available in standard configurations of 6, 12, 25, 50 and 100 pair designs. It is designed to house all
industry standard protectors, including Bourns Digi.Guard MSP® Protectors. All protector modules are easily field replaceable.
Enclosure Size
Pair (Maximum)
High
Wide
Deep
A12
279.4
279.4
101.6
(11.0)
(11.0)
(4.0)
B25
444.5
279.4
127
(17.5)
(11.0)
(5.0)
C50
431.8
406.4
76.2
(17.0)
(16.0)
(3.0)
D
100
914.4
482.6
114.3
(36.0)
(19.0)
(4.5)
V50
469.9
444.5
139.7
(18.5)
(17.5)
(5.5)
Listed per UL 497 (File: E53117)
Made of high-impact, ultraviolet-desensi-
tized, flame retardant, UL Listed plastic
(100 pair is 18 gauge rust resistant zinc-
coated steel; 50 pair available in either
plastic or steel)
Model Number Designator
Number of Lines
06, 12, 25, 50, 100
Station Protector Options
D1= 455HS-MSP (2377-45-HS) Broadband Voice/Data Services
Z1 = 455HS-BC* (2377-45-BC) Balance-Sensitive DSL Systems
E= 155HS-MSP (2378-35-HS) Broadband Voice/Data Systems
Y= 155HS-BC* (2378-35-BC) Balance-Sensitive DSL Systems
B= 125EW (2374-01) Sealed Gas Tube (UL, Bellcore)
C= 125EW-R (2375-01) Sealed Gas Tube (REA, UL, CSA)
L= 356M (2377-01) Sealed 3-pole Gas Tube (REA, UL, CSA)
M= J130S (2380-27-01) Solid State Protector (UL)
T= Tii355M
O= No Station Protectors
R = Binding posts only/no protectors
* BC = For DSL systems requiring capacitive balance ≤ 1 pF. Standard
packaging is 50 units per box. For DSL configuration, contact factory.
Enclosure Size and Construction (see above table for dimensions)
A = 12 Pair Capacity (Plastic)
D = 100 Pair Capacity (Steel)
B = 25 Pair Capacity (Plastic)
V = 50 Pair Capacity (Plastic)
C = 50 Pair Capacity (Steel)
Special Options
O = No Options
X = Brass Bus Bar
Bus Bar is standard on 50 and 100 Pair units. Security screws available.
Note 1 = Digi. Guard
7070 - XX - X X X
MM
(INCHES)
DIMENSIONS:
How To Order
REV. F
UL
®
Asia-Pacific:
TEL +886- (0)2 25624117
FAX +886- (0)2 25624116
Europe:
TEL +41-41 7685555
FAX +41-41 7685510
North America:
TEL +1-909 781-5500
FAX +1-909 781-5700
TEL +1-951 781-5500 (after 7/17/04)
FAX +1-951 781-5700 (after 7/17/04)
Reliable Electronic Solutions


Similar Part No. - 7070-100-BCX

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
70703 GAMEWELL-FCI-70703 Datasheet
99Kb / 2P
   Remote annunciator, surface mount, 4-line x 40-character alphanumeric display
70703 GAMEWELL-FCI-70703 Datasheet
61Kb / 1P
   Remote Printer Interface Module
logo
3M Electronics
7070UV 3M-7070UV Datasheet
338Kb / 2P
   Industrial Protective Film
More results

Similar Description - 7070-100-BCX

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
86002254 MULTITECH-86002254 Datasheet
809Kb / 3P
   Smart Building
2023-04
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
Renesas Technology Corp
673-01 RENESAS-673-01 Datasheet
89Kb / 8P
   PLL BUILDING BLOCK
051310
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
   PLL BUILDING BLOCK
logo
Linear Technology
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
   Filter Building Block
logo
Integrated Circuit Syst...
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
   PLL Building Block
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
logo
Laird Tech Smart Techno...
PAV69278I LSTD-PAV69278I Datasheet
821Kb / 3P
   in-building wireless networks
logo
Silicon Laboratories
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com