Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC549 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC549
Description  NPN general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC549 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC549 Datasheet HTML 1Page - NXP Semiconductors BC549 Datasheet HTML 2Page - NXP Semiconductors BC549 Datasheet HTML 3Page - NXP Semiconductors BC549 Datasheet HTML 4Page - NXP Semiconductors BC549 Datasheet HTML 5Page - NXP Semiconductors BC549 Datasheet HTML 6Page - NXP Semiconductors BC549 Datasheet HTML 7Page - NXP Semiconductors BC549 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 22
2
Philips Semiconductors
Product specification
NPN general purpose transistors
BC549; BC550
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 45 V).
APPLICATIONS
• Low noise stages in audio frequency equipment.
DESCRIPTION
NPN transistor in a TO-92; SOT54 plastic package.
PNP complements: BC559 and BC560.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage1
3
2
MAM182
3
2
1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC549
30
V
BC550
50
V
VCEO
collector-emitter voltage
open base
BC549
30
V
BC550
45
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
100
mA
ICM
peak collector current
200
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - BC549

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BC549 SEMTECH-BC549 Datasheet
371Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC549 NXP-BC549 Datasheet
248Kb / 7P
   NPN general purpose transistors
2004 Oct 11
logo
ARTSCHIP ELECTRONICS CO...
BC549 ARTSCHIP-BC549 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Siemens Semiconductor G...
BC549 SIEMENS-BC549 Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
KEC(Korea Electronics)
BC549 KEC-BC549 Datasheet
34Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - BC549

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com