Electronic Components Datasheet Search |
|
STRW-630-STR Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
STRW-630-STR Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
2 / 2 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 16.00 +0.30/-0.10 (.630 + .012/-.003) 8.00 ± 0.10 (.314 ± .003) 2.0 ± 0.10 (.079 ± .003) 4.00 ± 0.10 (.157 ± .003) 1.50 +0.25/-0.00 (.059 +.010/-0.00) 1.50 + 0.10/-0.00 (.059 + .003/-0.00) DIA. DIA. ST(H,M,J,R)W Series Sealed Tact Switch Packaging Specifications REV. 02/06 How to Order STM W - 6 60 - N TR Model STM = SMD “G” style STH = Through-hole STJ = SMD “J” style STR = SMD right angle Product Type W = Washable Size 6 = 6 mm Height (STM, STH, STJ) 50 = 3.5 (N, R, V) (0.14) 60 = 3.1 (N) (0.12) 67 = 5.2 (N, R, V) (0.20) 80 = 2.3 (S) (0.09) 90 = 3.8 (N, R, V) (0.15) Height (STR) 10 = 0 (N, R) (0.00) 20 = 0.8 (N, R) (0.03) 30 = 1.0 (N, R) (0.04) 40 = 2.3 (N, R) (0.09) Actuating Force S = 160 g (Silver head) N = 160 g (Brown head) R = 260 g (Red head) V = 360 g (Clear head) Packaging Option TR = Embossed tape (STM, STJ, STR only) 610/620/630/640 = 700 pcs. 650 = 1900 pcs. 660 = 2000 pcs. 667 = 900 pcs. 680 = 2000 pcs. 690 = 1900 pcs. __ = 75 pcs./tube (STM, STJ, STH only) 0.40 ± 0.05 (0.02 ± .002) 1.50 (0.06) DIA. DIA. 1.75 ± 0.10 (0.07 ± .004) 4 ± 0.10 (0.16 ± .004) 2 ± 0.10 (0.08 ± .004) 12 ± 0.10 (0.47 ± .004) 7.5 ± 0.10 (0.30 ± .004) 16 ± 0.30 (0.63 ± .012) 4 ± 0.10 (0.16 ± .004) 7.3 ± 0.10 (0.29 ± .004) 5.5 ± 0.10 (0.22 ± .004) 7.85 ± 0.10 (0.31 ± .004) 1.50 +.10/-.00 (.059 +.004./-.00) MM (INCHES) DIMENSIONS: STRW STJW STMW 6.70 ± 0.10 (0.26 ± .004) 11.0 ± 0.3 (0.43 ± .012) 3.8 ± 0.2 (0.15 ± .008) 2.15 ± 0.2 (0.08 ± .008) R1 5.0 ± 0.2 (0.20 ± .008) 10.5 ± 0.2 (0.41 ± .008) ± 0.5 (± 0.02) STMW STJW STHW Reflow Soldering Profile Time 120-150 Sec. 60 Sec. Max. 5-10 Sec. 1-cycle reflow 250 Max. 255 230 150 Room Temp. |
Similar Part No. - STRW-630-STR |
|
Similar Description - STRW-630-STR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |