Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM30KW-4812DC Datasheet(PDF) 1 Page - AIMTEC

Part # AM30KW-4812DC
Description  30 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30KW-4812DC Datasheet(HTML) 1 Page - AIMTEC

  AM30KW-4812DC Datasheet HTML 1Page - AIMTEC AM30KW-4812DC Datasheet HTML 2Page - AIMTEC AM30KW-4812DC Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VISIT US AT WWW.AIMTEC.CA
Continued on next page
AM30KW-C Series
30 watt dc-dc converters
POWER MODULES FOR PCB MOUNTING
SIX-SIDED CONTINUOUS SHIELD
4:1 WIDE INPUT RANGE
HIGH EFFICIENCY
STANDARD PACKAGE
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM30KW-C series is a family of cost effective 30W single
and dual output DC-DC converters. These converters are shielded
on all six sides and encapsulated with a nickel-coated copper with
a non-conductive base and dimensions of 50.8x40.64x11.9mm.
The high performance features of our AM30KW-C components
include short circuit protection with hiccup auto recovery, tight line
regulation and a high efficiency operation coefficient up to 89%.
18 models operate from an input voltage of 24, 48VDC
producing output voltages of 1.8, 2.5, 3.3, 5, 12, 15 &
24VDC, ±5, ±12, ±15VDC . The normal operation is
specified over the full operating temperature range of -
25°C to +71°C with no derating required. Cooling is
done by free air convection.
MTBF: > 550,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500VDC
Resistance
>1000 Mohms
Capacitance
1000pF
Output Specifications:
Voltage accuracy
±2%, max.
Ripple (1.8 & 5V)
100mVmax
Ripple (Others)
±1%, max.
Noise
±1%, max.
Short circuit protection
Hiccup, auto-recovery
Over current protection
Works over 120% of rating
and recovers automatically
Over voltage protection
Zener diode clamp protection
Line regulation (HL-LL) ±0.5%, typ.
Load regulation (10-100%)±1%, typ.,100mV,max-(1,8-5V)
Temperature coefficient
±0.02%/°C, typ.
Input Specifications:
Voltage range
24 VDC, 10~40VDC
48 VDC, 18~75VDC
Filter
π (Pi) Network
Environmental Specifications:
Operating temperature
-25°C …+70°C
Storage temperature
-55°C …+105°C
Case temperature
+100°C, max.
Humidity (non-condensing)
Up to 95%
Cooling
Free-air convection
Physical Specifications:
Dimensions
50.8 x 40.6 x 11.9mm,±0.5mm
2.0 x 1.6 x 0.47inches
Weight
58g
Case material
Nickel-Coated Copper with
Non-Conductive base,
six sides’ shielded
General Specifications:
Efficiency
78% to 83%
Switching frequency
300KHz, typ. 100% load


Similar Part No. - AM30KW-4812DC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30KW-4812DH30IZ AIMTEC-AM30KW-4812DH30IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-4812DH30IZ AIMTEC-AM30KW-4812DH30IZ Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-4812DIZ AIMTEC-AM30KW-4812DIZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-4812DIZ AIMTEC-AM30KW-4812DIZ Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30KW-4812DC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
logo
Wall Industries,Inc.
JFC30 WALL-JFC30 Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
   DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
TRACO Electronic AG
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
   DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
logo
CINCON ELECTRONICS Corp...
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
   30 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
   30 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Power-One
LHR4101-2 POWER-ONE-LHR4101-2 Datasheet
54Kb / 4P
   10...30 Watt AC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com