Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4300M3LMFR Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TISP4300M3LMFR
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4300M3LMFR Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TISP4300M3LMFR Datasheet HTML 1Page - Bourns Electronic Solutions TISP4300M3LMFR Datasheet HTML 2Page - Bourns Electronic Solutions TISP4300M3LMFR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4300M3LMFR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4300M3LMFR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4300M3LMFR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4300M3LMFR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4300M3LMFR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4300M3LMFR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-
state current
VD = ±VDRM
TA = 25 °C
TA = 85 °C
±5
±10
µA
V(BO)
Breakover voltage
dv/dt = ±750 V/ms, RSOURCE = 300 Ω
‘4070
‘4080
‘4095
‘4115
‘4125
‘4145
‘4165
‘4180
‘4220
‘4240
‘4250
‘4260
‘4290
‘4300
‘4350
‘4395
‘4400
±70
±80
±95
±115
±125
±145
±165
±180
±220
±240
±250
±260
±290
±300
±350
±395
±400
V
V(BO)
Impulse breakover
voltage
dv/dt ≤ ±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±20 A/µs, Linear current ramp,
Maximum ramp value = ±10 A
‘4070
‘4080
‘4095
‘4115
‘4125
‘4145
‘4165
‘4180
‘4220
‘4240
‘4250
‘4260
‘4290
‘4300
‘4350
‘4395
‘4400
±78
±88
±102
±122
±132
±151
±171
±186
±227
±247
±257
±267
±298
±308
±359
±405
±410
V
I(BO)
Breakover current
dv/dt = ±750 V/ms, RSOURCE = 300 Ω
±0.15
±0.6
A
VT
On-state voltage
IT = ±5A, tW = 100 µs
±3V
IH
Holding current
IT = ±5A, di/dt = - /+30mA/ms
±0.15
±0.6
A
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp, Maximum ramp value < 0.85VDRM
±5kV/µs
ID
Off-state current
VD = ±50 V
TA = 85 °C
±10
µA
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
TISP4xxxM3LM Overvoltage Protector Series


Similar Part No. - TISP4300M3LMFR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4300M3AJ BOURNS-TISP4300M3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300M3AJ BOURNS-TISP4300M3AJ Datasheet
376Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300M3AJR BOURNS-TISP4300M3AJR Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300M3AJR-S BOURNS-TISP4300M3AJR-S Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4300M3BJ BOURNS-TISP4300M3BJ Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4300M3LMFR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com