Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP7320F3D Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP7320F3D
Description  MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7320F3D Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP7320F3D Datasheet HTML 1Page - Bourns Electronic Solutions TISP7320F3D Datasheet HTML 2Page - Bourns Electronic Solutions TISP7320F3D Datasheet HTML 3Page - Bourns Electronic Solutions TISP7320F3D Datasheet HTML 4Page - Bourns Electronic Solutions TISP7320F3D Datasheet HTML 5Page - Bourns Electronic Solutions TISP7320F3D Datasheet HTML 6Page - Bourns Electronic Solutions TISP7320F3D Datasheet HTML 7Page - Bourns Electronic Solutions TISP7320F3D Datasheet HTML 8Page - Bourns Electronic Solutions TISP7320F3D Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MARCH 1994 - REVISED MARCH 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics for all Terminal Pairs, TA = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-
state current
VD =VDRM, 0 °C< TA <70 °C
±10
µA
V(BO)
Breakover voltage
dv/dt = ±250 V/ms, RSOURCE = 300
‘7125F3
‘7150F3
‘7180F3
‘7240F3
‘7260F3
‘7290F3
‘7320F3
‘7350F3
‘7380F3
±125
±150
±180
±240
±260
±290
±320
±350
±380
V
V(BO)
Impulse breakover
voltage
dv/dt ±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±20 A/µs, Linear current ramp,
Maximum ramp value = ±10 A
‘7125F3
‘7150F3
‘7180F3
‘7240F3
‘7260F3
‘7290F3
‘7320F3
‘7350F3
‘7380F3
±143
±168
±198
±269
±289
±319
±349
±379
±409
V
I(BO)
Breakover current
dv/dt = ±250 V/ms, RSOURCE = 300
±0.1
±0.8
A
VT
On-state voltage
IT = ±5A, tW = 100 µs
±5V
IH
Holding current
IT = ±5A, di/dt= - /+30mA/ms
±0.15
A
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp, Maximum ramp value < 0.85VDRM
±5kV/µs
ID
Off-state current
VD = ±50 V
±10
µA
Coff
Off-state capacitance
f= 1 MHz,
Vd =1 V rms, VD =0
f= 1 MHz,
Vd =1 V rms, VD =-1 V
f= 1 MHz,
Vd =1 V rms, VD =-2 V
f= 1 MHz,
Vd =1 V rms, VD =-5 V
f= 1 MHz,
Vd =1 V rms, VD =-50 V
f= 1 MHz,
Vd =1 V rms, VD = -100 V
f= 1 MHz,
Vd =1 V rms, VDTR =0
(see Note 4)
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
37
31
40
34
36
30
31
24
17
13
14
10
20
17
48
41
52
44
47
39
40
31
23
17
18
13
27
23
pF
NOTE
4: Three-terminal guarded measurement, unmeasured terminal voltage bias is zero. First six capacitance values, with bias VD, are
for the R-G and T-G terminals only. The last capacitance value, with bias VDTR, is for the T-R terminals.
Thermal Characteristics
TISP7xxxF3 (MV, HV) Overvoltage Protector Series
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJA
Junction to free air thermal resistance
Ptot =0.8 W, TA = 25 °C
5cm2, FR4 PCB
D Package
160
°C/W
SL Package
135


Similar Part No. - TISP7320F3D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7320F3 POINN-TISP7320F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
More results

Similar Description - TISP7320F3D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP3125F3 BOURNS-TISP3125F3_08 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com