Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP7250H3SL-S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP7250H3SL-S
Description  TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7250H3SL-S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP7250H3SL-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP7250H3SL-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP7250H3SL-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP7250H3SL-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP7250H3SL-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP7250H3SL-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP7250H3SL-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP7250H3SL-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP7250H3SL-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MARCH 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, (see Note 1)
‘7070
‘7080
‘7095
‘7125
‘7135
‘7145
‘7165
‘7180
‘7200
‘7210
‘7220
‘7250
‘7290
‘7350
‘7400
VDRM
± 58
± 65
± 75
±100
±110
±120
±130
±145
±150
±160
±170
±200
±230
±275
±300
V
Non-repetitive peak on-state pulse current (see Notes 2, and 3)
ITSP
A
2/10 (Telcordia GR-1089-CORE, 2/10 voltage wave shape)
500
8/20 µs (IEC 61000-4-5, 1.2/50 µs voltage, 8/20 current combination wave generator)
350
10/160 µs (FCC Part 68, 10/160 µs voltage wave shape)
250
4/250 (ITU-T K.20/21, 10/700 voltage wave shape, dual)
225
0.2/310 (CNET I 31-24, 0.5/700 voltage wave shape)
200
5/310 (ITU-T K.20/21, 10/700 voltage wave shape, single)
200
5/320 µs (FCC Part 68, 9/720 µs voltage wave shape)
200
10/560 µs (FCC Part 68, 10/560 µs voltage wave shape)
130
10/1000 (Telcordia GR-1089-CORE, 10/1000 voltage wave shape)
100
Non-repetitive peak on-state current (see Notes 2, 3 and 4)
ITSM
55
60
0.9
A
20 ms (50 Hz) full sine wave
16.7 ms (60 Hz) full sine wave
1000 s 50 Hz/60 Hz a.c.
Initial rate of rise of on-state current,
Exponential current ramp, Maximum ramp value < 200 A
diT/dt
400
A/µs
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Derate value at -0.13%/°C for temperatures below 25 °C.
2. Initially the TISP7xxxH3 must be in thermal equilibrium.
3. These non-repetitive rated currents are peak values of either polarity. The rated current values may be applied to any terminal
pair. Additionally, both R and T terminals may have their rated current values applied simultaneously (in this case the G terminal
return current will be the sum of the currents applied to the R and T terminals). The surge may be repeated after the
TISP7xxxH3 returns to its initial conditions.
4. EIA/JESD51-2 environment and EIA/JESD51-3 PCB with standard footprint dimensions connected with 5 A rated printed wiring
track widths. Derate current values at -0.61 %/°C for ambient temperatures above 25 °C.
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
TISP7xxxH3SL Overvoltage Protector Series
Description (continued)
This TISP7xxxH3SL range consists of fifteen voltage variants to meet various maximum system voltage levels (58 V to 300 V). They are
guaranteed to voltage limit and withstand the listed international lightning surges in both polarities. These high current protection devices are in
a 3-pin single-in-line (SL) plastic package and are supplied in tube pack. For alternative impulse rating, voltage and holding current values in
SL packaged protectors, consult the factory. For lower rated impulse currents in the SL package, the 45 A 10/1000 TISP7xxxF3SL series is
available.
These monolithic protection devices are fabricated in ion-implanted planar structures to ensure precise and matched breakover control and are
virtually transparent to the system in normal operation.


Similar Part No. - TISP7250H3SL-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7250H3SL POINN-TISP7250H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results

Similar Description - TISP7250H3SL-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com