Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3315R-001-006 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 3315R-001-006
Description  9 mm Square Sealed Incremental Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3315R-001-006 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  3315R-001-006 Datasheet HTML 1Page - Bourns Electronic Solutions 3315R-001-006 Datasheet HTML 2Page - Bourns Electronic Solutions 3315R-001-006 Datasheet HTML 3Page - Bourns Electronic Solutions 3315R-001-006 Datasheet HTML 4Page - Bourns Electronic Solutions 3315R-001-006 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3315 - 9 mm Square Sealed Incremental Encoder
Product Dimensions
Bushingless
3315P-025
Bushingless
3315Y-025
9.53 ± .25
(.375 ± .010)
9.53 ± .25
(.375 ± .010)
9.53 ± .25
(.375 ± .010)
A
C
B
A
C
B
2.54 ± .25
(.100 ± .010)
2.54 ± .38
(.100 ± .015)
7.62 ± .20
(.300 ± .008)
2.54 ± .25
(.100 ± .010)
2.54 ± .25
(.100 ± .010)
2.54 ± .25
(.100 ± .010)
5.97 ± .89
(.235 ± .035)
5.97 ± .89
(.235 ± .035)
5.08 ± .25
(.200 ± .010)
.51 ± .05
(.020 ± .002)
SOLDER PLATED
COPPER PINS
DIA.
DIA.
3.18 ± .05
(.125 ± .002)
5.59 ± .38
(.220 ± .015)
5.59 ± .38
(.220 ± .015)
DIA.
6.35 ± .20
(.250 ± .008)
DIA.
.51 ± .05
(.020 ± .002)
SOLDER PLATED
COPPER PINS
DIA.
2.54 ± .25
(.100 ± .010)
.38
(.015)
MIN. STANDOFF
.38
(.015)
MIN. STANDOFF
.64 ± .10
(.025 ± .004)
WIDE
.76 ± .25
(.030 ± .010)
DEEP
X
ADJUSTMENT SLOT
5.18 ± .64
(.204 ± .025)
5.18 ± .64
(.204 ± .025)
.51 ± .10
(.020 ± .004)
4.83 ± .38
(.190 ± .015)
.38
(.015)
MIN.
STANDOFF
.38
(.015)
MIN.
STANDOFF
MM
DIMENSIONS:
(IN.)
REV. 04/06


Similar Part No. - 3315R-001-006

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315R-001-006 BOURNS-3315R-001-006 Datasheet
201Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
3315R-001-006L BOURNS-3315R-001-006L Datasheet
201Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
3315R-001-006L BOURNS-3315R-001-006L Datasheet
347Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
More results

Similar Description - 3315R-001-006

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315Y-001-006L BOURNS-3315Y-001-006L_12 Datasheet
347Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
3315 BOURNS-3315_10 Datasheet
201Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
PEC09 BOURNS-PEC09 Datasheet
331Kb / 3P
   PEC09 Series - 9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com