Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP7180F3SL-S Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # TISP7180F3SL-S
Description  MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7180F3SL-S Datasheet(HTML) 7 Page - Bourns Electronic Solutions

Back Button TISP7180F3SL-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP7180F3SL-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP7180F3SL-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP7180F3SL-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP7180F3SL-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP7180F3SL-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP7180F3SL-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP7180F3SL-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP7180F3SL-S Datasheet HTML 11Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MARCH 1994 - REVISED MARCH 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Typical Characteristics - R and G, or T and G Terminals
TISP7xxxF3 (MV, HV) Overvoltage Protector Series
Figure 10.
Figure 11.
Figure 12.
Figure 13.
V
T - On-State Voltage - V
23
4
5
6
7 8 9
110
1
10
100
TC7MAM
-40 °C
150 °C
Negative Polarity
V
T - On-State Voltage - V
23
4
5
6
7 8 9
110
1
10
100
TC7HAM
Negative Polarity
T
J - Junction Temperature - °C
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
-25
0
25
50
75
100
125
150
0·06
0·07
0·08
0·09
0·2
0·3
0·4
0·5
0·6
0·7
0·8
0·9
0·1
1·0
TC7HAH
I
H
+I
(BO)
-I
(BO)
TISP7125F3 THRU TISP7180F3
ON-STATE CURRENT
vs
ON-STATE VOLTAGE
TISP7240F3 THRU TISP7380F3
ON-STATE CURRENT
vs
ON-STATE VOLTAGE
HOLDING CURRENT & BREAKOVER CURRENT
HOLDING CURRENT & BREAKOVER CURRENT
vs
JUNCTION TEMPERATURE
25 °C
-40 °C
150 °C
25 °C


Similar Part No. - TISP7180F3SL-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7180F3SL POINN-TISP7180F3SL Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
More results

Similar Description - TISP7180F3SL-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP3125F3 BOURNS-TISP3125F3_08 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com