Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP7350H3SL Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP7350H3SL
Description  TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7350H3SL Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP7350H3SL Datasheet HTML 5Page - Bourns Electronic Solutions TISP7350H3SL Datasheet HTML 6Page - Bourns Electronic Solutions TISP7350H3SL Datasheet HTML 7Page - Bourns Electronic Solutions TISP7350H3SL Datasheet HTML 8Page - Bourns Electronic Solutions TISP7350H3SL Datasheet HTML 9Page - Bourns Electronic Solutions TISP7350H3SL Datasheet HTML 10Page - Bourns Electronic Solutions TISP7350H3SL Datasheet HTML 11Page - Bourns Electronic Solutions TISP7350H3SL Datasheet HTML 12Page - Bourns Electronic Solutions TISP7350H3SL Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MARCH 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Rating and Thermal Information
TISP7xxxH3SL Overvoltage Protector Series
Figure 8.
Figure 9.
Figure 10.
t - Current Duration - s
0·1
1
10
100
1000
0.8
0.9
1.5
2
3
4
5
6
7
8
9
15
20
30
1
10
TI7AB
V
GEN = 600 V rms, 50/60 Hz
R
GEN = 1.4*VGEN/ITSM(t)
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB, T
A = 25 °C
SIMULTANEOUS OPERATION
OF R AND T TERMINALS. G
TERMINAL CURRENT = 2xI
TSM(t)
T
AMIN - Minimum Ambient Temperature - °C
-35
-25
-15
-5
5
15
25
-40
-30
-20
-10
0
10
20
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
'7070 THRU '7095
'7250 THRU '7400
TI7AACA
'7125 THRU '7220
T
A - Ambient Temperature - °C
-40 -30 -20 -10 0
1020 30405060 7080
70
80
90
100
120
150
200
250
300
400
500
600
700
IEC 1.2/50, 8/20
ITU-T 10/700
FCC 10/560
FCC 10/160
TC7HAA
TELCORDIA 2/10
TELCORDIA 10/1000
NON-REPETITIVE PEAK ON-STATE CURRENT
vs
CURRENT DURATION
VDRM DERATING FACTOR
vs
MINIMUM AMBIENT TEMPERATURE
IMPULSE RATING
vs
AMBIENT TEMPERATURE


Similar Part No. - TISP7350H3SL

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7350F3 POINN-TISP7350F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7350F3D BOURNS-TISP7350F3D Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7350F3D-S BOURNS-TISP7350F3D-S Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7350F3DR BOURNS-TISP7350F3DR Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7350F3DR-S BOURNS-TISP7350F3DR-S Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7350H3SL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com