Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4360MMBJR Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP4360MMBJR
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4360MMBJR Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP4360MMBJR Datasheet HTML 1Page - Bourns Electronic Solutions TISP4360MMBJR Datasheet HTML 2Page - Bourns Electronic Solutions TISP4360MMBJR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4360MMBJR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4360MMBJR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4360MMBJR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4360MMBJR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4360MMBJR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4360MMBJR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NOVEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP43xxMMAJ/BJ Overvoltage Protector Series
Typical Characteristics
Figure 2.
OFF-STATE CURRENT
vs
JUNCTION TEMPERATURE
T
J - Junction Temperature - ° C
-25
0
25
50
75
100
125
150
0·001
0·01
0·1
1
10
TC4LAG
V
D = ±50 V
Figure 3.
NORMALIZED BREAKOVER VOLTAGE
vs
JUNCTION TEMPERATURE
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.90
0.95
1.00
1.05
1.10
1.15
TC4LAF
Figure 4.
ON-STATE CURRENT
vs
ON-STATE VOLT AGE
V
T - On-State Voltage - V
0.7
1.5
2
3
4
5
7
11
0
0.5
0.7
1.5
2
3
4
5
7
15
20
30
40
50
1
10
T
A = 25 °C
t
W = 100 µs
TC4MAN
Figure 5.
NORMALIZED HOLDING CURRENT
vs
JUNCTION TEMPERATURE
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.4
0.5
0.6
0.7
0.8
0.9
1.5
2.0
1.0
TC4LAD


Similar Part No. - TISP4360MMBJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4360M3AJ BOURNS-TISP4360M3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4360M3AJ BOURNS-TISP4360M3AJ Datasheet
376Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4360M3AJR BOURNS-TISP4360M3AJR Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4360M3AJR-S BOURNS-TISP4360M3AJR-S Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4360M3BJ BOURNS-TISP4360M3BJ Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4360MMBJR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com