Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4040L1AJR-S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4040L1AJR-S
Description  VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4040L1AJR-S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4040L1AJR-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP4040L1AJR-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP4040L1AJR-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP4040L1AJR-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP4040L1AJR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP4040L1AJR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP4040L1AJR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP4040L1AJR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP4040L1AJR-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AUGUST 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP40xxL1AJ/BJ VLV Overvoltage Protectors
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage
‘4015
‘4030
‘4040
VDRM
±8
±15
± 25
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
2/10 µs(Telcordia GR-1089-CORE, 2/10 µs voltage wave shape)
8/20 µs (IEC 61000-4-5, comb ination wave generator, 1.2/50 voltage, 8/20 current)
10/160 µs (FCC Part 68, 10/160 µs voltage wave shape)
5/310 µs (ITU-T K.20/45/21, 10/700 µs voltage wave shape)
5/320 µs(FCC Part 68, 9/720 µs voltage wave shape)
10/560 µs (FCC Part 68, 10/560 µs voltage wave shape)
10/1000 µs(Telcordia GR-1089-CORE, 10/1000 µs voltage wave shape)
± 150
± 120
± 65
± 45
± 45
± 35
± 30
Non-repetitive peak on-state current (see Notes 1 and 2)
ITSM
A
20 ms (50 Hz) full sine wave
16.7 ms (60 Hz) full sine wave
0.2 s 50 Hz/60 Hz a.c.
2s 50 Hz/60Hz a.c.
1000 s 50 Hz/60 Hz a.c.
20
22
13
5
1.8
Initial rate of rise of current (2/10 waveshape)
di/d t
130
A/µs
Maximum junction temperature
TJM
150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially, the device must be in thermal equilibrium with TJ =25 °C.
2. The surge may be repeated after the device returns to its initial conditions.
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-
state current
VD =VDRM
±5
µA
V(BO)
Breakover voltage
di/dt = ±0.8 A/ms
‘4015
‘4030
‘4040
±15
±30
±40
V
V(BO)
Impulse breakover
voltage
dv/dt = ±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±5A/µs, Linear current ramp,
Maximum ramp value = ±10 A
‘4015
‘4030
‘4040
±34
±50
±63
V
I(BO)
Breakover current
di/dt = ±0.8 A/ms
±0.8
A
ID
Off-state current
VD = ± 6V
VD = ± 13 V
VD = ± 22 V
‘4015
‘4030
‘4040
±2
µA
IH
Holding current
IT = ±5A, di/dt= +/-30mA/ms
±50
mA


Similar Part No. - TISP4040L1AJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4040L1AJ BOURNS-TISP4040L1AJ Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4040L1AJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP40XXH1BJ BOURNS-TISP40XXH1BJ Datasheet
321Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJ BOURNS-TISP4015H1BJ_07 Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015L1AJ BOURNS-TISP4015L1AJ_07 Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3 BOURNS-TISP3072F3_08 Datasheet
738Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP30XXF3 BOURNS-TISP30XXF3 Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com