Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSG-31-N Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # STSG-31-N
Description  Ultraminiature Tactile Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STSG-31-N Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  STSG-31-N Datasheet HTML 1Page - Bourns Electronic Solutions STSG-31-N Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
STS Series - Ultraminiature Tactile Switch
Features
Available sharp click feel with a positive
tactile feedback
Ultraminiature and lightweight structure
suitable for high density mounting
Economical
Reliable
RoHS compliant*
Electrical Characteristics
Electrical Life
................50,000 Cycles for 160 gf, 320 gf
Rating...................................50 mA, 12 VDC
Contact Resistance.................100 mΩ max.
Insulation Resistance
...........................100 MΩ min. @ 500 VDC
Dielectric Strength ...........250 VAC/1 minute
Contact Arrangement ..........................SPST
Environmental Characteristics
Operation Temperature Range
........................................-25 °C to +70 °C
Storage Temperature Range
........................................-30 °C to +80 °C
Vibration Test
MIL-STD-202F Method 201A
Frequency ...............10-55-10 Hz/1 minute
Directions
...........X,Y,Z, three mutually perpendicular
directions
Time ..........................2 hours each direction
Shock Test
MIL-STD-202F Method 213B
Condition A
Gravity ............50 G (peak value), 11 msec
Direction and Times ....6 sides and 3 times
in each direction
Physical Characteristics
Cover Materials.....................Stainless Steel
Base Materials .....................UL94V-0 Nylon
Thermoplastic
Actuator ...............................UL94V-0 Nylon
High-Temperature Thermoplastic
Contact Disc .........................Stainless steel
with silver cladding
Terminals .............Brass with silver cladding
Product Dimensions
6.0
(.236)
3.5
(.138)
7.4
(.291)
3.4
(.134)
7.2
(.283)
3.0
(.118)
STSM
1.5
(.059)
1.0
(.039)
3.5
(.138)
0.9
(.035)
0.5
(.020)
MAX.
0.05
(0.002)
MAX.
PCB LAYOUT
H ± 0.2
(H ± .008)
1.6
(.063)
How to Order
STS M - 3 1 - S TR
Model
Style
M = Surface Mount “J” Style
G = Surface Mount “G” Style
H = Through-hole “H” Style
Product Size
3 = 3.5 mm wide x 6 mm long
Height
1 = 4.3 mm
2 = 5.0 mm
Color of Stem for Actuating Force
N = Brown, 160 g
R = Red, 260 g
S = Salmon, 320 g
Y = Yellow, 520 g
Packaging Option
__ = Std. Packaging - 135 pcs./tube
TR = Tape & Reel Packaging -
31 - 1800 pcs./reel (STSM & STSG only)
32 - 1600 pcs./reel (STSM & STSG only)
Circuit Diagram
T1
T2
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.2 (.008)
Reflow Soldering Profile
Time
120-150
Sec.
60
Sec. Max.
5-10
Sec.
1-cycle reflow
250
Max. 255
230
150
Room
Temp.
6.0
(.236)
3.5
(.138)
9.5
(.374)
6.4
(.252)
9.0
(.354)
3.0
(.118)
STSG
1.5
(.059)
1.0
(.039)
3.5
(.138)
0.5
(.020)
MAX.
0.05
(0.002)
MAX.
PCB LAYOUT
H ± 0.2
(H ± .008)
1.6
(.063)
The STS Series is currently available,
although not recommended for new
designs.


Similar Part No. - STSG-31-N

ManufacturerPart #DatasheetDescription
logo
3M Electronics
STS 3M-STS Datasheet
77Kb / 1P
   Wire Marker type-On sheets
logo
CIT Relay & Switch
STS CIT-STS Datasheet
264Kb / 2P
   Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
   Synchronous Timing Module
logo
Silonex Inc.
STS-8831 SILONEX-STS-8831 Datasheet
25Kb / 1P
   Dual Channel Optical Switch Assembly Over / Under Optical Axis
STS-8857 SILONEX-STS-8857 Datasheet
23Kb / 1P
   Transmissive Switch Assembly
More results

Similar Description - STSG-31-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com