Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSH-32-YTR Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # STSH-32-YTR
Description  Ultraminiature Tactile Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STSH-32-YTR Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  STSH-32-YTR Datasheet HTML 1Page - Bourns Electronic Solutions STSH-32-YTR Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 02/06
Product Dimensions
STS Series - Ultraminiature Tactile Switch
1.5
(.059)
6.0
(.236)
3.5
(.138)
6.5 ± 0.10
(.256 ± .004)
1.3 ± 0.05
(.051 ± .002)
DIA.
2 PLCS.
7.9 ± 0.5
(.311 ± 0.20)
3.0
(.118)
STSH
1.0
(.039)
3.5
(.138)
0.25
(.010)
0.5
(.020)
MAX.
PCB LAYOUT
3.5 ± 0.5
(.138 ± 0.20)
1.80 +0/-0.3
(.071 +0/.020)
H ± 0.2
(H ± .008)
6.5 ± 0.5
(.256 ± 0.20)
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.2 (.008)
Packaging Specifications
STS_-31:
T:
5 °
0.5 ± 0.05
(0.02 ± .002)
1.75 ± 0.10
(0.07 ± .004)
7.5 ± 0.10
(0.30 ± .004)
4.5 ± 0.10
(0.18 ± .004)
STS_-32:
5.2 ± 0.10
(0.20 ± .004)
1.50 ± 0.10
(0.06 ± .004)
3.80 ± 0.10
(0.15 ± .004)
2.50
(0.10)
6.50
(0.26)
16.0 ± 0.3
(0.63 ± .012)
DIA.
DIA.
1.50 +.10/-.00
(.059 +.004./-.00)
8.00 ± 0.10
(0.31 ± .004)
2.0 ± 0.10
(0.08 ± .004)
4.0 ± 0.10
(0.16 ± .004)
9.50 ± 0.10
(0.37 ± .004)
STSG
STSM
STSH
4.40 +0.0/-0.20
(0.17 +0.0/-.008)
R
4.50 +0.0/-0.20
(0.18 +0.0/-.008)
4.30 +0.20/-0.0
(0.17 +.008/-0.0)
10.0 +0.20/-0.0
(0.39 +.008/-0.0)
5.60 +0.20/-0.0
(0.22 +.008/-0.0)
6.80 ± 0.10
(0.27 ± .004)
1.55 ± 0.10
(0.06 ± .004)
0.10
(0.004)
18 PLCS.
0.60
(0.024)
2 PLCS.
R
0.60
(0.024)
10 PLCS.
5.45
(0.21)
1.5 °
9.50
(0.37)


Similar Part No. - STSH-32-YTR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
STS 3M-STS Datasheet
77Kb / 1P
   Wire Marker type-On sheets
logo
CIT Relay & Switch
STS CIT-STS Datasheet
264Kb / 2P
   Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
   Synchronous Timing Module
logo
Silonex Inc.
STS-8831 SILONEX-STS-8831 Datasheet
25Kb / 1P
   Dual Channel Optical Switch Assembly Over / Under Optical Axis
STS-8857 SILONEX-STS-8857 Datasheet
23Kb / 1P
   Transmissive Switch Assembly
More results

Similar Description - STSH-32-YTR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com