Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM10E-2418D Datasheet(PDF) 2 Page - AIMTEC

Part # AM10E-2418D
Description  10 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10E-2418D Datasheet(HTML) 2 Page - AIMTEC

  AM10E-2418D Datasheet HTML 1Page - AIMTEC AM10E-2418D Datasheet HTML 2Page - AIMTEC AM10E-2418D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VISIT US AT WWW.AIMTEC.CA
AM10E Series
MODELS
Single output
Input Voltage
Ouput Voltage
Ouput Current max.
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
Single
Dual
-V Input
+V Input
-V Output
No Pin
+V Output
-V Input
+V Input
-V Output
Common
+V Output
1
2
3
4
5
AM10E-1203S
AM10E-1205S
AM10E-1207S
AM10E-1209S
AM10E-1212S
AM10E-1215S
AM10E-1218S
AM10E-1224S
AM10E-2403S
AM10E-2405S
AM10E-2407S
AM10E-2409S
AM10E-2412S
AM10E-2415S
AM10E-2418S
AM10E-2424S
AM10E-4803S
AM10E-4805S
AM10E-4807S
AM10E-4809S
AM10E-4812S
AM10E-4815S
AM10E-4818S
AM10E-4824S
9 - 18VDC
18 - 36VDC
36 - 72VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
2500mA
2000mA
1380mA
1111mA
833mA
666mA
550mA
416mA
2500mA
2000mA
1380mA
1111mA
833mA
666mA
550mA
416mA
2500mA
2000mA
1380mA
1111mA
833mA
666mA
550mA
416mA
Continued on next page
Models


Similar Part No. - AM10E-2418D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10E-2418DZ AIMTEC-AM10E-2418DZ Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
More results

Similar Description - AM10E-2418D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10E-C AIMTEC-AM10E-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
logo
List of Unclassifed Man...
EC7A-24S05 ETC2-EC7A-24S05 Datasheet
534Kb / 2P
   10 WATT DC-DC CONVERTERS
logo
Power-One
IML10 POWER-ONE-IML10 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com