Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP6NTP2CDR Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP6NTP2CDR
Description  High Voltage Ringing SLIC Protector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP6NTP2CDR Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP6NTP2CDR Datasheet HTML 1Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 2Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 3Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 4Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 5Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 6Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 7Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 8Page - Bourns Electronic Solutions TISP6NTP2CDR Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MARCH 2002 – REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP6NTP2C High Voltage Ringing SLIC Protector
TISP6NTP2C
QUAD FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
Description
Independent Tracking Overvoltage Protection for Two SLICs:
- Dual Voltage-Programmable Protectors
- Supports Battery Voltages Down to -155 V
- Low 5 mA max. Gate Triggering Current
- High 150 mA min. (70
°C) Holding Current
- Specified 2/10 Limiting Voltage
- Small Outline Surface Mount Package
- Full 0
°C to 70 °C Temperature Range
Rated for Common Impulse Waveforms
How to Order
Device Symbol
D Package (Top View)
Voltage Impulse
Wave Shape
Current Impulse
Wave Shape
IPPSM
A
10/1000
10/1000
25
10/700
5/310
40
2/10
2/10
90
Typical TISP6NTP2C Router Application
PROCESSOR
SLIC 1
SLIC 2
TRANSCEIVER
TRANSCEIVER
TISP6-
NTP2C
POTS 2
POTS 1
TERMINAL ADAPTOR
LINE
LAN
AI6NTP2C
The TISP6NTP2C has been designed for short loop systems such as:
– WILL (Wireless In the Local Loop)
– SOHO (Small Office Home Office)
– FITL (Fibre In The Loop)
– ISDN-TA (Integrated Services Digital Network - Terminal Adaptors)
– DAML (Digital Added Main Line, Pair Gain)
MDRXAN
1
2
3
45
6
7
8
K2
A
A
K4
G1,G2
K1
K3
G3,G4
SDRXAIA
K1
K3
K4
K2
G3,G4
A
A
G1,G2
............................................ UL Recognized Components
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Device
Package
Carrier
TISP6NTP2C
D (8-pin Small-Outline)
R (Embossed Tape Reeled)
TISP6NTP2CDR
- (Tube)
TISP6NTP2CD
TISP6NTP2CDR-S
TISP6NTP2CD-S
For Standard
Termination Finish
Order As
For Lead Free
Termination Finish
Order As


Similar Part No. - TISP6NTP2CDR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
More results

Similar Description - TISP6NTP2CDR

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
SPD61089 WILLSEMI-SPD61089 Datasheet
704Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP61089B BOURNS-TISP61089B Datasheet
1Mb / 20P
   High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
HuaXinAn Electronics CO...
P61089B HUAXINAN-P61089B Datasheet
447Kb / 4P
   P61089B High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
List of Unclassifed Man...
TISP61089B ETC1-TISP61089B Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
logo
Agere Systems
L9500A AGERE-L9500A Datasheet
616Kb / 32P
   High-Voltage Ringing SLIC for VolP Applications
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com