Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM15E-2415S Datasheet(PDF) 3 Page - AIMTEC

Part # AM15E-2415S
Description  15 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-2415S Datasheet(HTML) 3 Page - AIMTEC

  AM15E-2415S Datasheet HTML 1Page - AIMTEC AM15E-2415S Datasheet HTML 2Page - AIMTEC AM15E-2415S Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM15E Series
Input Voltage
Ouput Voltage
Ouput Current max.
AM15E-1203D
AM15E-1205D
AM15E-1207D
AM15E-1209D
AM15E-1212D
AM15E-1215D
AM15E-1218D
AM15E-1224D
AM15E-2403D
AM15E-2405D
AM15E-2407D
AM15E-2409D
AM15E-2412D
AM15E-2415D
AM15E-2418D
AM15E-2424D
AM15E-4803D
AM15E-4805D
AM15E-4807D
AM15E-4809D
AM15E-4812D
AM15E-4815D
AM15E-4818D
AM15E-4824D
9 - 18VDC
18 - 36VDC
36 - 72VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±2000mA
±1500mA
±1000mA
±833mA
±625mA
±500mA
±400mA
±312mA
±2000mA
±1500mA
±1000mA
±833mA
±625mA
±500mA
±400mA
±312mA
±2000mA
±1500mA
±1000mA
±833mA
±625mA
±500mA
±400mA
±312mA
Models
MODELS
Dual output


Similar Part No. - AM15E-2415S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-2415S-NZ AIMTEC-AM15E-2415S-NZ Datasheet
669Kb / 7P
   DC-DC Converter
AM15E-2415SC AIMTEC-AM15E-2415SC Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E-2415SH30IZ AIMTEC-AM15E-2415SH30IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
AM15E-2415SH30IZ AIMTEC-AM15E-2415SH30IZ Datasheet
193Kb / 5P
   15 Watt | DC-DC Converter
AM15E-2415SIZ AIMTEC-AM15E-2415SIZ Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
More results

Similar Description - AM15E-2415S

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com