Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM6TW-2412S Datasheet(PDF) 2 Page - AIMTEC

Part # AM6TW-2412S
Description  6 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-2412S Datasheet(HTML) 2 Page - AIMTEC

  AM6TW-2412S Datasheet HTML 1Page - AIMTEC AM6TW-2412S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
69
VISIT US AT WWW.AIMTEC.CA
AM6TW Series
MODELS
Single output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM6TW-2403S
AM6TW-2403SH35
3.3VDC
1500mA
AM6TW-2405S
AM6TW-2405SH35
5VDC
1200mA
AM6TW-2407S
AM6TW-2407SH35
7.2VDC
833mA
AM6TW-2409S
AM6TW-2409SH35
9VDC - 36VDC
9VDC
667mA
AM6TW-2412S
AM6TW-2412SH35
12VDC
500mA
AM6TW-2415S
AM6TW-2415SH35
15VDC
400mA
AM6TW-2418S
AM6TW-2418SH35
18VDC
333mA
AM6TW-2424S
AM6TW-2424SH35
24VDC
250mA
AM6TW-4803S
AM6TW-4803SH35
3.3VDC
1500mA
AM6TW-4805S
AM6TW-4805SH35
5VDC
1200mA
AM6TW-4807S
AM6TW-4807SH35
7.2VDC
833mA
AM6TW-4809S
AM6TW-4809SH35
18VDC - 72VDC
9VDC
667mA
AM6TW-4812S
AM6TW-4812SH35
12VDC
500mA
AM6TW-4815S
AM6TW-4815SH35
15VDC
400mA
AM6TW-4818S
AM6TW-4818SH35
18VDC
333mA
AM6TW-4824S
AM6TW-4824SH35
24VDC
250mA
Dual output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM6TW-2403D
AM6TW-2403DH35
±3.3VDC
±750mA
AM6TW-2405D
AM6TW-2405DH35
±5VDC
±600mA
AM6TW-2407D
AM6TW-2407DH35
±7.2VDC
±417mA
AM6TW-2409D
AM6TW-2409DH35
9VDC - 36VDC
±9VDC
±334mA
AM6TW-2412D
AM6TW-2412DH35
±12VDC
±250mA
AM6TW-2415D
AM6TW-2415DH35
±15VDC
±200mA
AM6TW-2418D
AM6TW-2418DH35
±18VDC
±167mA
AM6TW-2424D
AM6TW-2424DH35
±24VDC
±125mA
AM6TW-4803D
AM6TW-4803DH35
±3.3VDC
±750mA
AM6TW-4805D
AM6TW-4805DH35
±5VDC
±600mA
AM6TW-4807D
AM6TW-4807DH35
±7.2VDC
±417mA
AM6TW-4809D
AM6TW-4809DH35
18VDC - 72VDC
±9VDC
±334mA
AM6TW-4812D
AM6TW-4812DH35
±12VDC
±250mA
AM6TW-4815D
AM6TW-4815DH35
±15VDC
±200mA
AM6TW-4818D
AM6TW-4818DH35
±18VDC
±167mA
AM6TW-4824D
AM6TW-4824DH35
±24VDC
±125mA


Similar Part No. - AM6TW-2412S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-2412S-N AIMTEC-AM6TW-2412S-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6TW-2412S-NZ AIMTEC-AM6TW-2412S-NZ Datasheet
259Kb / 5P
   Very low no load power consumption of 0.12W
AM6TW-2412S-RVZ AIMTEC-AM6TW-2412S-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-2412S-RVZ AIMTEC-AM6TW-2412S-RVZ Datasheet
262Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-2412S-RZ AIMTEC-AM6TW-2412S-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6TW-2412S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com