Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDT61C Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # BDT61C
Description  NPN SILICON POWER DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDT61C Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  BDT61C Datasheet HTML 1Page - Bourns Electronic Solutions BDT61C Datasheet HTML 2Page - Bourns Electronic Solutions BDT61C Datasheet HTML 3Page - Bourns Electronic Solutions BDT61C Datasheet HTML 4Page - Bourns Electronic Solutions BDT61C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BDT61, BDT61A, BDT61B, BDT61C
NPN SILICON POWER DARLINGTONS
2
PRODU CT
INFORMA TION
AUGUST 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
IB = 0
(see Note 3)
BDT61
BDT61A
BDT61B
BDT61C
60
80
100
120
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 40 V
VCE = 50 V
VCE = 60 V
IB =0
IB =0
IB =0
IB =0
BDT61
BDT61A
BDT61B
BDT61C
0.5
0.5
0.5
0.5
mA
ICBO
Collector cut-off
current
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
VCB = 30 V
VCB = 40 V
VCB = 50 V
VCB = 60 V
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
TC = 150°C
TC = 150°C
TC = 150°C
TC = 150°C
BDT61
BDT61A
BDT61B
BDT61C
BDT61
BDT61A
BDT61B
BDT61C
0.2
0.2
0.2
0.2
2.0
2.0
2.0
2.0
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
5
mA
hFE
Forward current
transfer ratio
VCE =
3 V
IC = 1.5 A
(see Notes 3 and 4)
750
VCE(sat)
Collector-emitter
saturation voltage
IB =
6 mA
IC = 1.5 A
(see Notes 3 and 4)
2.5
V
VBE(on)
Base-emitter
voltage
VCE =
3 V
IC = 1.5 A
(see Notes 3 and 4)
2.5
V
VEC
Parallel diode
forward voltage
IE =
1.5 A
IB = 0
2
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
2.5
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 2 A
VBE(off) = -5 V
IB(on) = 8 mA
RL = 20 Ω
IB(off) = -8 mA
tp = 20 µs, dc ≤ 2%
1µs
toff
Turn-off time
4.5
µs


Similar Part No. - BDT61C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDT61C POINN-BDT61C Datasheet
109Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDT61C ISC-BDT61C Datasheet
264Kb / 2P
   isc Silicon NPN Darlington Power Transistors
logo
New Jersey Semi-Conduct...
BDT61C NJSEMI-BDT61C Datasheet
136Kb / 2P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
BDT61CF ISC-BDT61CF Datasheet
278Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - BDT61C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com