Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDT60A Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # BDT60A
Description  PNP SILICON POWER DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDT60A Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BDT60A Datasheet HTML 1Page - Bourns Electronic Solutions BDT60A Datasheet HTML 2Page - Bourns Electronic Solutions BDT60A Datasheet HTML 3Page - Bourns Electronic Solutions BDT60A Datasheet HTML 4Page - Bourns Electronic Solutions BDT60A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BDT60, BDT60A, BDT60B, BDT60C
PNP SILICON POWER DARLINGTONS
P R O D UCT
INFORMA TION
1
AUGUST 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Designed for Complementary Use with
BDT61, BDT61A, BDT61B and BDT61C
50 W at 25°C Case Temperature
4 A Continuous Collector Current
Minimum hFE of 750 at 1.5V, 3 A
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. Derate linearly to 150°C case temperature at the rate of 0.4 W/°C.
2. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDT60
BDT60A
BDT60B
BDT60C
VCBO
-60
-80
-100
-120
V
Collector-emitter voltage (IB = 0)
BDT60
BDT60A
BDT60B
BDT60C
VCEO
-60
-80
-100
-120
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-4
A
Continuous base current
IB
-0.1
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 1)
Ptot
50
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 2)
Ptot
2W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3


Similar Part No. - BDT60A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDT60A POINN-BDT60A Datasheet
168Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60A TRSYS-BDT60A Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDT60A NJSEMI-BDT60A Datasheet
212Kb / 2P
   PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDT60A ISC-BDT60A Datasheet
199Kb / 2P
   Complement to Type BDT61/A/B/C
BDT60AF ISC-BDT60AF Datasheet
113Kb / 2P
   isc Silicon PNP Darlington Power Transistors
More results

Similar Description - BDT60A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com