Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR0804-390Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR0804-390Y
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR0804-390Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR0804-390Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR0804-390Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SRR0804 Series - Shielded Power Inductors
Features
Available in E12 series
Low profile - 3.8 mm unit height
High current
Lead free
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
TYP.
8.0 ± 0.2
(.315 ± .008)
10.5 ± 0.1
(.413 ± .004)
2.1
(.082)
MAX.
3.8
(.150)
TYP.
6.0
(.236)
TYP.
2.0
(.079)
General Specifications
Test Voltage ........................................1 V
Reflow soldering.....250 °C; 10 sec max.
(In compliance with JEDEC,
J-STD-020C, Table 4-2)
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
............................250 °C, 10 sec. max.
Materials
Core ...................................Ferrite DR&RI
Wire ............................Enamelled copper
Base ......................................LCP E4008
Terminal.....................................Cu/Ni/Sn
Rated Current
....................Ind. drop 10 % typ. at Isat
Temperature Rise
......................40 °C max. at rated Irms
Packaging...................1000 pcs. per reel
2.5
(.099)
2.2
(.086)
5.7
(.224)
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
(
Ω)
Max.
Typ.
(MHz)
(MHz)
(A)
(A)
SRR0804 - 5R0M
5.0
± 20
20
7.96M
45.0
0.08
1.70
2.80
SRR0804 - 7R5M
7.5
± 20
20
7.96M
40.0
0.10
1.40
2.60
SRR0804 - 100M
10
± 20
38
2.52M
32.0
0.12
1.20
2.20
SRR0804 - 120M
12
± 20
38
2.52M
28.0
0.15
1.10
1.90
SRR0804 - 150M
15
± 20
38
2.52M
25.0
0.17
1.00
1.60
SRR0804 - 180Y
18
± 15
35
2.52M
23.0
0.19
0.90
1.50
SRR0804 - 220Y
22
± 15
30
2.52M
22.0
0.25
0.80
1.30
SRR0804 - 270Y
27
± 15
28
2.52M
18.0
0.27
0.70
1.30
SRR0804 - 330Y
33
± 15
26
2.52M
17.0
0.30
0.65
1.10
SRR0804 - 390Y
39
± 15
26
2.52M
16.0
0.38
0.60
1.00
SRR0804 - 470K
47
± 10
24
2.52M
14.0
0.46
0.55
0.95
SRR0804 - 560K
56
± 10
24
2.52M
12.0
0.60
0.50
0.85
SRR0804 - 680K
68
± 10
22
2.52M
11.0
0.70
0.45
0.80
SRR0804 - 820K
82
± 10
20
2.52M
10.0
0.80
0.40
0.73
SRR0804 - 101K
100
± 10
50
0.796M
9.0
0.95
0.37
0.65
SRR0804 - 121K
120
± 10
50
0.796M
8.5
1.00
0.35
0.55
SRR0804 - 151K
150
± 10
53
0.796M
7.0
1.30
0.30
0.50
SRR0804 - 181K
180
± 10
53
0.796M
6.0
1.45
0.28
0.45
SRR0804 - 221K
220
± 10
55
0.796M
5.5
1.90
0.24
0.40
SRR0804 - 271K
270
± 10
50
0.796M
5.5
2.15
0.22
0.35
SRR0804 - 331K
330
± 10
60
0.796M
5.0
2.80
0.19
0.32
SRR0804 - 391K
390
± 10
55
0.796M
4.5
3.30
0.17
0.30
SRR0804 - 471K
470
± 10
60
0.796M
4.0
3.60
0.16
0.28
DIMENSIONS:
MM
(INCHES)
Soldering Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time
(seconds)
<2> Max. of 30 seconds > 220 °C
<1> Max. of 10 seconds at 250 °C
250 °C
<2>
<1>
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum


Similar Part No. - SRR0804-390Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR0804-390Y BOURNS-SRR0804-390Y Datasheet
168Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SRR0804-390Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com