Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLB1014-221KL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # RLB1014-221KL
Description  Radial Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB1014-221KL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  RLB1014-221KL Datasheet HTML 1Page - Bourns Electronic Solutions RLB1014-221KL Datasheet HTML 2Page - Bourns Electronic Solutions RLB1014-221KL Datasheet HTML 3Page - Bourns Electronic Solutions RLB1014-221KL Datasheet HTML 4Page - Bourns Electronic Solutions RLB1014-221KL Datasheet HTML 5Page - Bourns Electronic Solutions RLB1014-221KL Datasheet HTML 6Page - Bourns Electronic Solutions RLB1014-221KL Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Surface Mount Chip Inductor Capability Matrix
RLB Series Radial Inductors
Typical Part Marking
Electrical Schematic
• 470
Inductance Code:
- First two digits are significant
- Third digit represents the
number of zeroes to follow
• = Start
RLB0608 Series Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (MHz)
SRF
RDC
IDC
(µH)
ref.
L, Q
(MHz) min.
(ohms) max.
(mA) max.
RLB0608-1R0ML
1.0 ± 20 %
60
7.96
105.0
0.10
1030
RLB0608-1R2ML
1.2 ± 20 %
60
7.96
90.0
0.15
980
RLB0608-1R5ML
1.5 ± 20 %
60
7.96
75.0
0.20
920
RLB0608-1R8ML
1.8 ± 20 %
60
7.96
70.0
0.22
880
RLB0608-2R2ML
2.2 ± 20 %
60
7.96
65.0
0.24
830
RLB0608-2R7ML
2.7 ± 20 %
60
7.96
60.0
0.27
790
RLB0608-3R3ML
3.3 ± 20 %
60
7.96
50.0
0.30
750
RLB0608-3R9ML
3.9 ± 20 %
60
7.96
45.0
0.30
720
RLB0608-4R7ML
4.7 ± 20 %
60
7.96
40.0
0.35
670
RLB0608-5R6KL
5.6 ± 10 %
60
7.96
35.0
0.35
640
RLB0608-6R8KL
6.8 ± 10 %
60
7.96
30.0
0.40
620
RLB0608-8R2KL
8.2 ± 10 %
60
7.96
25.0
0.40
590
RLB0608-100KL
10.0 ± 10 %
60
2.52
20.0
0.45
550
RLB0608-120KL
12.0 ± 10 %
60
2.52
15.0
0.50
530
RLB0608-150KL
15.0 ± 10 %
60
2.52
13.0
0.55
500
RLB0608-180KL
18.0 ± 10 %
60
2.52
11.0
0.60
480
RLB0608-220KL
22.0 ± 10 %
60
2.52
10.0
0.65
460
RLB0608-270KL
27.0 ± 10 %
50
2.52
9.0
0.75
430
RLB0608-330KL
33.0 ± 10 %
50
2.52
8.0
0.85
410
RLB0608-390KL
39.0 ± 10 %
50
2.52
7.5
0.90
390
RLB0608-470KL
47.0 ± 10 %
50
2.52
7.0
1.00
370
RLB0608-560KL
56.0 ± 10 %
50
2.52
6.5
1.20
350
RLB0608-680KL
68.0 ± 10 %
50
2.52
6.0
1.30
340
RLB0608-820KL
82.0 ± 10 %
50
2.52
5.5
1.50
320
RLB0608-101KL
100.0 ± 10 %
50
0.796
5.0
1.70
305
RLB0608-121KL
120.0 ± 10 %
50
0.796
4.8
1.90
290
RLB0608-151KL
150.0 ± 10 %
50
0.796
4.4
2.10
275
RLB0608-181KL
180.0 ± 10 %
50
0.796
4.2
2.30
235
RLB0608-221KL
220.0 ± 10 %
45
0.796
3.8
2.50
200
RLB0608-271KL
270.0 ± 10 %
45
0.796
3.6
2.75
180
RLB0608-331KL
330.0 ± 10 %
45
0.796
3.3
4.68
165
RLB0608-391KL
390.0 ± 10 %
45
0.796
3.0
6.00
150
RLB0608-471KL
470.0 ± 10 %
55
0.796
2.8
6.50
140
RLB0608-561KL
560.0 ± 10 %
55
0.796
2.4
8.50
135
RLB0608-681KL
680.0 ± 10 %
55
0.796
2.2
9.00
125
RLB0608-821KL
820.0 ± 10 %
55
0.796
2.0
9.60
120
RLB0608-102KL
1000.0 ± 10 %
55
0.252
1.8
11.50
100
Packaging: 800 pieces per bag


Similar Part No. - RLB1014-221KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RLB1014 BOURNS-RLB1014 Datasheet
86Kb / 1P
   Though-Hole Power Inductor
More results

Similar Description - RLB1014-221KL

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
RCH-654 ECM-RCH-654 Datasheet
145Kb / 3P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB1R0N TAIYO-YUDEN-LHL08TB1R0N Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB2R2M TAIYO-YUDEN-LHL08TB2R2M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB3R9M TAIYO-YUDEN-LHL08TB3R9M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB151K TAIYO-YUDEN-LHL10TB151K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB153J TAIYO-YUDEN-LHL10TB153J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB182J TAIYO-YUDEN-LHL10TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB273J TAIYO-YUDEN-LHL10TB273J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB102K TAIYO-YUDEN-LHLP12NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC08TB820K TAIYO-YUDEN-LHLC08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com