Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5TW-4809SH35 Datasheet(PDF) 1 Page - AIMTEC

Part # AM5TW-4809SH35
Description  5 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-4809SH35 Datasheet(HTML) 1 Page - AIMTEC

  AM5TW-4809SH35 Datasheet HTML 1Page - AIMTEC AM5TW-4809SH35 Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
61
VISIT US AT WWW.AIMTEC.CA
GENERAL DESCRIPTION
AM5TW Series
5 watt dc-dc converters
24-PIN DIP PACKAGE
LOW PROFILE METAL PACKAGE
HIGH EFFICIENCY UP TO 80%
WIDE 4:1 INPUT RANGE
INPUT/OUTPUT ISOLATION: 1500 & 3500 VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
CONTINUOUS SHORT CIRCUIT PROTECTION
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, normal input voltage, rated output current unless otherwise specified.
Our AM5TW series is a family of cost effective 5W single and
dual output DC-DC converters. These converters combine nick-
el-coated copper package in a 24-pin DIP compatible case with
high performance features such as 1500VDC & 3500VDC
input/output isolation voltage, continuous short circuit protection
with automatic restart and tight line / load regulation. Wide range
devices operate over 4:1 input voltage range providing stable out-
put voltage. Devices are encapsulated using flame retardant resin.
Input voltages of 24 & 48VDC with output voltages of 3.3, 5, 7.2,
9, 12, 15, 18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC.
High performance features include high efficiency operation up to
80% and output voltage accuracy of ±1% maximum.
All models are packaged in a low profile 31.75x20.32x10.16mm
24 pin DIP nickel-coated copper case. Operation is specified
over the full operating temperature range of -40°C to +85°C with
no derating required. Cooling is by free-air convection.
MTBF: > 1,112,000 hrs (MIL-HDBK-217F,
Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500 & 3500VDC
Resistance
> 1000MOhm
Capacitance
80pF, typ.
General Specifications:
Efficiency
74% to 80%
Switching Frequency
250KHz, typ. 100% load
Output Specifications:
Voltage accuracy
±1% max.
Voltage balance (Dual Output) ±1%
Ripple & Noise (at 20MHz BW) 60m Vp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature Coefficient
±0.2% /°C, typ.
Input Specifications:
Voltage range
24VDC, 9~36VDC
48VDC, 18~72VDC
Filter
p
(Pi)Network
Physical Specifications:
Dimensions
31.75x20.32x10.16mm
1.25x0.8x0.4 inches
Weight
26g
Case material
Nickel-Coated Copper
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
OUTLINE DIMENSIONS
& PIN CONNECTIONS
Pin
1500VDC
Single
Dual
+V Input
N.C.
N.C.
Omitted
-V Output
+V Output
-V Input
+V Output
-V Output
Omitted
N.C.
N.C.
+V Input
+V Input
-V Output
Common
Omitted
Common
+V Output
-V Input
+V Output
Common
Omitted
Common
-V Output
+V Input
Omitted
-V Input
-V Input
N.C.
Omitted
N.C.
Omitted
+ V Output
Omitted
-V Output
+V Input
+V Input
Omitted
Omitted
-V Input
-V Input
Common
Omitted
-V Output
Omitted
+ V Output
Omitted
Common
+V Input
+V Input
Omitted
1
2
3
9
10
11
12/13
14
15
16
22
23
24
3500VDC
Single
Dual
Continued on next page


Similar Part No. - AM5TW-4809SH35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5TW-4809SH35 ETC-AM5TW-4809SH35 Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-4809SH35Z AIMTEC-AM5TW-4809SH35Z Datasheet
325Kb / 6P
   5 Watt | DC-DC Converter
AM5TW-4809SH35Z AIMTEC-AM5TW-4809SH35Z Datasheet
130Kb / 5P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5TW-4809SH35

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com