Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7032-12-BCF-P03 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7032-12-BCF-P03
Description  Network Interface Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7032-12-BCF-P03 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7032-12-BCF-P03 Datasheet HTML 1Page - Bourns Electronic Solutions 7032-12-BCF-P03 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Six 7032 Models designed to accept all
Bourns station protectors
Accepts all other manufacturers’
protection of similar design
Optional sealed switching jacks with
Insulation Displacement Connectors
(IDCs)
Listed per UL 497 (File: E53117)
7032 Series – Network Interface Device
How To Order
Model Number Designator
Number of Lines
06, 12, 25, 50, 100
Station Protector Options
D1 = 455HS-MSP (2377-45-HS) Broadband Voice/Data Services
Z1 = 455HS-BC (2377-45-BC) Balance-Sensitive DSL Systems
E = 155HS-MSP (2378-35-HS) Broadband Voice/Data Services
Y = 155HS-BC (2378-35-BC) Balance-Sensitive DSL Systems
B = 125EW (2374-01) Dual Gas Tube (UL, cUL, Telcordia)
C = 125EW-R (2375-01) Dual Gas Tube (UL, cUL, RUS)
L = 356M (2377-01) Balanced Gas Tube (UL, cUL, RUS)
M = J130S (2380-27-01) Solid State Protector (UL, cUL)
T = Tii355M
O = No Station Protectors (Not available with DSL configurations)
Note 1 = Digi. Guard
Enclosure Size and Construction (see table for dimensions)
A = 6 Pair Capacity (Plastic)
B = 12 Pair Capacity (Plastic)
C = 25 Pair Capacity (Steel)
D = 50 Pair Capacity (Steel)
Special Options
S = Sealed Switching Jack w/IDC (85122-T-IDC)
I = Expansion Bridge w/IDC (85122-IDC)
F = Sealed Switching Jack 4-Post (85122-T4)
X = Dual Ground Plate
J = Modular Jacks (85122)
O = No options
B = Expansion Bridge w/Binding Posts (85122-B)
DSL Options
A = One 3610A, ADSL POTS Splitter
P = One 3610A2, ADSL 2+ POTS Splitter
V = One 3630A, VDSL POTS Splitter
Number of DSL Lines
03, 06, 12, 25, 50
To add lines, use station protector + upgrade kit 85003 (old style) or:
85122
Standard Jack (Not available with DSL configurations)
85122-T4
Sealed Switching Jack, 4-post
85122-T-IDC Sealed Switching Jack w/IDC
*DSL Configuration Note: 3610A or 3630A must be ordered with option D, Z, E or Y Station Protectors.
7032 - XX - X X X - X XX
E = 100 Pair Capacity (Steel)
P = 1/2 inch Plywood-no enclosure
V = 25 Pair Capacity (Plastic)
REV. G 05/06
UL
®
The Model 7032 NID is designed to allow service providers the capacity to terminate and add protected service pairs as
needed. The 7032 NID is available in pair counts of 1 through 100. Enclosures are manufactured of high-impact resistant, ultra-
violet-desensitized, flame retardant UL Listed plastic (50 and 100 pair models are 18 gauge rust resistant zinc-coated steel,
with twenty-five pair available in both plastic and steel). This 7032 is completely subscriber lockable with Telco override and
subscriber friendly termination posts for safe and secure operation.


Similar Part No. - 7032-12-BCF-P03

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7032-6351 AMPHENOL-7032-6351 Datasheet
63Kb / 1P
   SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
7032-6351-6353 AMPHENOL-7032-6351-6353 Datasheet
63Kb / 1P
   SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
7032-6351-6353 AMPHENOL-7032-6351-6353 Datasheet
63Kb / 1P
   SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
7032-6352 AMPHENOL-7032-6352 Datasheet
63Kb / 1P
   SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
7032-6353 AMPHENOL-7032-6353 Datasheet
63Kb / 1P
   SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
More results

Similar Description - 7032-12-BCF-P03

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
   Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
708X BOURNS-708X Datasheet
393Kb / 1P
   Network Interface Device
7004C BOURNS-7004C Datasheet
334Kb / 2P
   Network Interface Device
7004C BOURNS-7004C_12 Datasheet
259Kb / 2P
   Network Interface Device
7004C-0-DH-15 BOURNS-7004C-0-DH-15 Datasheet
259Kb / 2P
   Network Interface Device
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
PMC-Sierra, Inc
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
   SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com