Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR220-4SBR0400JE Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PWR220-4SBR0400JE
Description  Shunt Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR220-4SBR0400JE Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PWR220-4SBR0400JE Datasheet HTML 1Page - Bourns Electronic Solutions PWR220-4SBR0400JE Datasheet HTML 2Page - Bourns Electronic Solutions PWR220-4SBR0400JE Datasheet HTML 3Page - Bourns Electronic Solutions PWR220-4SBR0400JE Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Dimensions
TO220 Casing: 2-Pin (Surface Mount)
TO220 Casing: 4-Pin (Surface Mount)
10.16
(0.4)
14.6
(0.57)
15.0
(0.59)
17.33
(0.68)
12.7
(0.50)
0.76
(0.03)
1.85
(0.07)
2.54
(0.1)
3X
4.0
(0.16)
1.2
(0.05)
0.76
(0.03)
1.4
(0.06)
10.16
(0.4)
14.6
(0.57)
15.0
(0.59)
17.33
(0.68)
12.7
(0.50)
4.0
(0.16)
1.2
(0.05)
1.4
(0.06)
PWR220 S Series Shunt Resistor
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
PWR 220 - 2 S A R0400 J E
Model
PWR = Power Resistor
Package
220 = TO220
221 = TO221
Number of Pins
2 = 2
4 = 4
Function
S = Shunt
Version
A = Surface Mount
B = Through Hole
Resistor Value
R (4 Digits)
Absolute Tolerance
J = 5 %
G = 2 %
F = 1 %
D = 0.5 %
*C = 0.25 %
*B = 0.1 %
Packaging
E = Tape & Reel
___ = Tubes
*Available only with 4-pin versions.
Typical Part Marking
PWR220-2S
R500 1%
0512
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
ABSOLUTE
RESISTANCE,
TOLERANCE
DATE CODE:
YYWW


Similar Part No. - PWR220-4SBR0400JE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220-4SBR040BE BOURNS-PWR220-4SBR040BE Datasheet
265Kb / 4P
   Shunt Resistor
PWR220-4SBR040CE BOURNS-PWR220-4SBR040CE Datasheet
265Kb / 4P
   Shunt Resistor
PWR220-4SBR040DE BOURNS-PWR220-4SBR040DE Datasheet
265Kb / 4P
   Shunt Resistor
PWR220-4SBR040FE BOURNS-PWR220-4SBR040FE Datasheet
265Kb / 4P
   Shunt Resistor
PWR220-4SBR040GE BOURNS-PWR220-4SBR040GE Datasheet
265Kb / 4P
   Shunt Resistor
More results

Similar Description - PWR220-4SBR0400JE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
   SHUNT RESISTOR
logo
Bourns Electronic Solut...
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com