Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3310C-023-103L Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 3310C-023-103L
Description  Square Sealed Panel Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3310C-023-103L Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  3310C-023-103L Datasheet HTML 1Page - Bourns Electronic Solutions 3310C-023-103L Datasheet HTML 2Page - Bourns Electronic Solutions 3310C-023-103L Datasheet HTML 3Page - Bourns Electronic Solutions 3310C-023-103L Datasheet HTML 4Page - Bourns Electronic Solutions 3310C-023-103L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
*
6.35 ± .08
(.250 ± .003)
MOUNTING DIA.
7.62 ± .20
(.300 ± .008)
DIA.
6.35 ± .20
(.250 ± .008)
DIA.
.51 ± .10
(.020 ± .004)
5.18 ± .64
(.204 ± .025)
5.59 ± .38
(.220 ± .015)
4.83 ± .25
(.190 ± .009)
6.35 ± .64
(.250 ± .025)
12.70 ± .64
(.500 ± .025)
.38
(.015)
MIN. STANDOFF
.38
(.015)
MIN. STANDOFF
.38
(.015)
MIN. STANDOFF
.76
(.030)
6.35
(.250)
1/4-32 UNEF-2A
THREADED METAL
BUSHING
MOUNTING
SURFACE
COMMON DIMENSIONS
3310-002
Metal Bushing
3310P-025
Bushingless
3310C-002
.76 ± .05 X .97
(.030 ± .002 X .038)
ANTI-ROTATION
BOSS
HIGH
R
DIA. MOUNTING
SURFACE
7.62
(.300)
.38
(.015)
MIN.
STANDOFF
.51
(.020)
2 PLACES
5.08 ± .51
(.200 ± .020)
BC
A
NOTE: * Only recommended shaft length
for bushingless version
3310 - 9 mm Square Sealed Panel Control
DIMENSIONS ARE:
MM
(INCHES)
Product Dimensions


Similar Part No. - 3310C-023-103L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3310C-021 BOURNS-3310C-021 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-022 BOURNS-3310C-022 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-025 BOURNS-3310C-025 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
More results

Similar Description - 3310C-023-103L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-001-103L BOURNS-3310Y-001-103L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
logo
Vishay Siliconix
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
logo
Vishay Siliconix
P10 VISHAY-P10_V01 Datasheet
90Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com