Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA17-AN30-102BF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PDA17-AN30-102BF
Description  17 mm Rotary Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDA17-AN30-102BF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PDA17-AN30-102BF Datasheet HTML 1Page - Bourns Electronic Solutions PDA17-AN30-102BF Datasheet HTML 2Page - Bourns Electronic Solutions PDA17-AN30-102BF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How To Order
PDA17 - V N 20 - 102 A K
Model
Terminal Configuration
• S = Solder Lugs
• A = PC Pins vertical/
Down Facing
• V = PC Pins horizontal/
Rear Facing
• P = PC Pins
Front Facing
Switch Option
• S = Switch
• N = No Switch
Standard Shaft Length
• 15 = 15 mm
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Resistance Code (See Table)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Shaft Style
• K = Metal Knurled Shaft
18 Toothed Serration Type
• F = Metal Flatted Shaft
Other configurations or styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
PDA17 Series - 17 mm Rotary Potentiometer
PDA17-PN25
L
5.0
(.196)
B
1.5
(.059)
7.0
(.275)
17.0
(.669)
DIA.
6.0
(.236)
DIA.
1.0
(.039)
TEETH KNURL
M7x0.75
4.3
(.169)
7.5
(.295)
0.4
(.015)
40 °
9.4
(.370) DIA.
2.8
(.110)
11.0
(.433)
1.2
(.047)
2.4
(.094)
3.3
(.129)
RECOMMENDED PCB LAYOUT
1.0
(.039)
7.5
(.295)
7.2
(.283)
DIA. HOLES
1
2
3
3 PLCS.
DIA.
1.5
(.059)
60 °
R
11.8
(.464)
SHAFT SHOWN IN CCW POSITION
PDA17-VS25
L
B
5.0
(.196)
5.0
(.059)
6.0
(.236)
DIA.
1.0
(.039)
TEETH KNURL
M7x0.75
7.0
(.275)
4.8
(.188)
4.3
(.169)
16.6
(.653)
4.0
(.157)
2.0
(.078)
8.0
(.314)
2.4
(.094)
9.4
(.370)
1.2
(.047)
0.4
(.015)
2.8
(.110)
16.6
(.653)
2.2
(.086)
1.5
(.059)
7.2
(.283)
1.0
(.039)
8.0
(.314)
7.5
(.295)
60 °
40 °
DIA.
RECOMMENDED PCB LAYOUT
DIA.
HOLES
SHAFT SHOWN IN CCW POSITION
R
DIA. HOLES
3 PLCS.
60 °
DIMENSIONS ARE:
MM
(INCHES)
Product Dimensions
REV. 04/06
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0


Similar Part No. - PDA17-AN30-102BF

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA100B-24VG PHIHONG-PDA100B-24VG Datasheet
441Kb / 3P
   100W Constant Voltage LED Driver PDA100B LED Power Supply Non-Dimming
PDA100B-48VG PHIHONG-PDA100B-48VG Datasheet
441Kb / 3P
   100W Constant Voltage LED Driver PDA100B LED Power Supply Non-Dimming
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA100W-1A0GD PHIHONG-PDA100W-1A0GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A4GB PHIHONG-PDA100W-1A4GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
More results

Similar Description - PDA17-AN30-102BF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
   17 mm Rotary Potentiometer w/Push-Pull Switch
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
   12 mm Rotary Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
   PDB24 Series - 24 mm Rotary Potentiometer
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com