Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB809 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB809
Description  VHF variable capacitance diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB809 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB809 Datasheet HTML 1Page - NXP Semiconductors BB809 Datasheet HTML 2Page - NXP Semiconductors BB809 Datasheet HTML 3Page - NXP Semiconductors BB809 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1996 May 03
2
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB809
FEATURES
• High linearity
• Matched to 3%
• Hermetically sealed leaded glass
SOD68 (DO-34) package
• C28: 4.7 pF; ratio: 9
• Low series resistance.
APPLICATIONS
• Electronic tuning in VHF television
tuners, band A up to 160 MHz
• VCO.
DESCRIPTION
The BB809 is a variable capacitance
diode, fabricated in planar
technology, and encapsulated in the
hermetically sealed leaded glass
SOD68 (DO-34) package.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
30
V
IF
continuous forward current
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+100
°C
Fig.1 Simplified outline (SOD68; DO-34) and symbol.
handbook, halfpage
MAM159
k
a
Cathode side indicated by a yellow band on a black body.
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. VR is the value at which Cd = 25 pF.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IR
reverse current
VR = 28 V; see Fig.3
−−
10
nA
VR = 28 V; Tj =85 °C; see Fig.3
−−
200
nA
rs
diode series resistance
f = 200 MHz; note 1
−−
0.6
Cd
diode capacitance
VR = 1 V; f = 1 MHz; see Figs 2 and 4
39
46
pF
VR = 28 V; f = 1 MHz; see Figs 2 and 4
4
5pF
capacitance ratio
f = 1 MHz
8
10
capacitance matching
VR = 0.5 to 28 V
−−
3%
C
d1V
()
C
d28V
()
--------------------
C
d
C
d
----------


Similar Part No. - BB809

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB804 PHILIPS-BB804 Datasheet
58Kb / 8P
   VHF variable capacitance double diode
1998 Nov 25
logo
Vishay Siliconix
BB804 VISHAY-BB804 Datasheet
47Kb / 3P
   Silicon Epitaxial Planar Dual Capacitance Diode
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BB804 SIEMENS-BB804 Datasheet
60Kb / 3P
   Silicon Variable Capacitance Diode (For FM tuners Monolithic chip with common cathode for perfect tracking of both diodes)
logo
Infineon Technologies A...
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
   Silicon Variable Capacitance Diode
Nov-07-2002
BB804 INFINEON-BB804 Datasheet
61Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
More results

Similar Description - BB809

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com