Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR7030-680K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR7030-680K
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR7030-680K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR7030-680K Datasheet HTML 1Page - Bourns Electronic Solutions SDR7030-680K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Typ.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SDR7030-1R0M
1.0
± 20
18
7.96
113
0.022
3.00
4.30
SDR7030-1R5M
1.5
± 20
17
7.96
100
0.027
2.75
3.60
SDR7030-2R2M
2.2
± 20
17
7.96
80
0.030
2.60
3.20
SDR7030-3R5M
3.5
± 20
17
7.96
59
0.038
2.20
2.60
SDR7030-4R7M
4.7
± 20
14
7.96
43
0.048
1.85
2.25
SDR7030-6R2M
6.2
± 20
17
7.96
41
0.058
1.65
2.00
SDR7030-100M
10.0
± 20
16
2.52
35
0.075
1.50
1.60
SDR7030-150M
15.0
± 20
14
2.52
33
0.115
1.20
1.30
SDR7030-220M
22.0
± 20
14
2.52
32
0.160
1.02
1.10
SDR7030-330M
33.0
± 20
13
2.52
24
0.230
0.85
0.90
SDR7030-470K
47.0
± 10
12
2.52
18
0.340
0.70
0.78
SDR7030-680K
68.0
± 10
12
2.52
16
0.480
0.58
0.64
SDR7030-101K
100.0
± 10
18
0.796
15
0.720
0.46
0.52
SDR7030-151K
150.0
± 10
18
0.796
12
0.920
0.40
0.42
SDR7030-221K
220.0
± 10
23
0.796
9
1.600
0.32
0.34
SDR7030-331K
330.0
± 10
24
0.796
7
2.200
0.26
0.28
SDR7030-471K
470.0
± 10
30
0.796
6
2.800
0.22
0.23
SDR7030-681K
680.0
± 10
28
0.796
5
4.350
0.18
0.18
SDR7030-102K
1000.0
± 10
66
0.252
4
6.200
0.15
0.15
SDR7030 Series - SMD Power Inductors
Features
Available in E6 values
Range from 1.0 µH to 1000 µH
Lead free
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
330
7.0 ± 0.3
(.276 ± .012)
7.0 ± 0.3
(.276 ± .012)
2.0
(.079)
TYP.
3.0 ± 0.3
(.118 ± .012)
1.5
(.059)
TYP.
4.0
(.157)
TYP.
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core ........................................Ferrite DR
Wire .............Enameled copper wire 130
Terminal.....................................Cu/Ni/Sn
Rated Current
....................Ind. drop 10 % typ. at Isat
Temperature Rise ..................30 °C max.
at rated Irms
Packaging ..................1500 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
2.4
(.094)
REF.
7.8
(.307)
1.8
(.071)
REF.
1.8
(.071)
REF.
4.2
(.165)
REF.
REF.
10
0
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SDR7030-680K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR7030-680K BOURNS-SDR7030-680K Datasheet
113Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR7030-680K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com