Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR7045-330M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR7045-330M
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR7045-330M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR7045-330M Datasheet HTML 1Page - Bourns Electronic Solutions SDR7045-330M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Typ.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SDR7045-1R2M
1.2
± 20
25
7.96
90
0.022
3.80
5.00
SDR7045-1R5M
1.5
± 20
26
7.96
109
0.027
3.50
4.50
SDR7045-2R2M
2.2
± 20
24
7.96
79
0.032
3.30
4.00
SDR7045-3R3M
3.3
± 20
23
7.96
47
0.036
2.80
3.70
SDR7045-4R7M
4.7
± 20
23
7.96
38
0.042
2.60
3.40
SDR7045-6R8M
6.8
± 20
22
7.96
35
0.054
2.25
2.70
SDR7045-100M
10.0
± 20
28
2.52
23
0.070
2.00
2.30
SDR7045-150M
15.0
± 20
24
2.52
19
0.086
1.60
1.90
SDR7045-220M
22.0
± 20
26
2.52
18
0.125
1.40
1.62
SDR7045-330M
33.0
± 20
20
2.52
18
0.150
1.22
1.32
SDR7045-470K
47.0
± 10
21
2.52
11
0.230
1.00
1.10
SDR7045-680K
68.0
± 10
17
2.52
11
0.280
0.90
0.92
SDR7045-101K
100.0
± 10
17
0.796
10
0.430
0.75
0.72
SDR7045-151K
150.0
± 10
17
0.796
8
0.580
0.62
0.58
SDR7045-221K
220.0
± 10
22
0.796
6
0.930
0.50
0.48
SDR7045-331K
330.0
± 10
20
0.796
6
1.240
0.42
0.40
SDR7045-471K
470.0
± 10
20
0.796
4
1.850
0.34
0.30
SDR7045-681K
680.0
± 10
18
0.796
4
2.400
0.30
0.26
SDR7045-102K
1000.0
± 10
48
0.252
3
4.000
0.22
0.20
SDR7045 Series - SMD Power Inductors
Features
Available in E6 values
Current rating to 3.8 amps
Lead free
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
330
7.0 ± 0.2
(.276 ± .008)
7.0 ± 0.2
(.276 ± .008)
2.0
(.079)
TYP.
4.5 ± 0.3
(.177 ± .012)
1.5
(.059)
TYP.
4.0
(.157)
TYP.
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core ........................................Ferrite DR
Wire .............Enameled copper wire 130
Terminal.....................................Cu/Ni/Sn
Rated Current
....................Ind. drop 10 % typ. at Isat
Temperature Rise ..................40 °C max.
at rated Irms
Packaging ..................1000 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
2.4
(.094)
REF.
7.8
(.307)
1.8
(.071)
REF.
1.8
(.071)
REF.
4.2
(.165)
REF.
REF.
100
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SDR7045-330M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR7045-330M BOURNS-SDR7045-330M Datasheet
113Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR7045-330M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com