Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB804 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BB804
Description  VHF variable capacitance double diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB804 Datasheet(HTML) 5 Page - NXP Semiconductors

  BB804 Datasheet HTML 1Page - NXP Semiconductors BB804 Datasheet HTML 2Page - NXP Semiconductors BB804 Datasheet HTML 3Page - NXP Semiconductors BB804 Datasheet HTML 4Page - NXP Semiconductors BB804 Datasheet HTML 5Page - NXP Semiconductors BB804 Datasheet HTML 6Page - NXP Semiconductors BB804 Datasheet HTML 7Page - NXP Semiconductors BB804 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1998 Nov 25
5
Philips Semiconductors
Product specification
VHF variable capacitance double diode
BB804
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BB804

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BB804 VISHAY-BB804 Datasheet
47Kb / 3P
   Silicon Epitaxial Planar Dual Capacitance Diode
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BB804 SIEMENS-BB804 Datasheet
60Kb / 3P
   Silicon Variable Capacitance Diode (For FM tuners Monolithic chip with common cathode for perfect tracking of both diodes)
logo
Infineon Technologies A...
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
   Silicon Variable Capacitance Diode
Nov-07-2002
BB804 INFINEON-BB804 Datasheet
61Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
BB804 INFINEON-BB804_07 Datasheet
61Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
More results

Similar Description - BB804

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB204B PHILIPS-BB204B Datasheet
31Kb / 5P
   VHF variable capacitance double diodes
1996 May 03
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com